Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS23364D Datasheet(PDF) 10 Page - International Rectifier

Part # IRS23364D
Description  HIGH VOLTAGE 3 PHASE GATE DRIVER IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS23364D Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS23364D Datasheet HTML 6Page - International Rectifier IRS23364D Datasheet HTML 7Page - International Rectifier IRS23364D Datasheet HTML 8Page - International Rectifier IRS23364D Datasheet HTML 9Page - International Rectifier IRS23364D Datasheet HTML 10Page - International Rectifier IRS23364D Datasheet HTML 11Page - International Rectifier IRS23364D Datasheet HTML 12Page - International Rectifier IRS23364D Datasheet HTML 13Page - International Rectifier IRS23364D Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
IRS2336xD Family
www.irf.com
© 2007 International Rectifier
10
Dynamic Electrical Characteristics
VCC= VB = 15 V, VS = VSS = COM, TA = 25
oC, and C
L = 1000 pF unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
tON
Turn-on propagation delay
400
530
750
tOFF
Turn-off propagation delay
400
530
750
tR
Turn-on rise time
---
110
190
tF
Turn-off fall time
---
35
75
tFIL,IN
Input filter time
(HIN, LIN, ITRIP & EN)
200
350
510
VIN = 0 V & 5 V
tEN
Enable low to output shutdown
propagation delay
350
440
650
VIN, VEN = 0 V or 5 V
tFILTER,EN
Enable input filter time
100
200
---
ns
NA
tFLTCLR
FAULT clear time
RCIN: R = 2 MΩ, C = 1 nF
1.3
1.65
2
ms
VIN = 0 V or 5 V
VITRIP = 0 V
tITRIP
ITRIP to output shutdown
propagation delay
500
750
1200
VITRIP =5 V
tBL
ITRIP blanking time
---
400
---
tFLT
ITRIP to FAULT propagation delay
400
575
950
VIN = 0 V or 5 V
VITRIP = 5 V
DT
Deadtime
190
300
420
MDT
DT matching
††
---
---
60
VIN = 0 V & 5 V without
external deadtime
MT
Delay matching time (tON, tOFF)
††
---
---
50
VIN = 0 V & 5 V with external
deadtime larger than DT
PM
Pulse width distortion
†††
---
---
75
ns
PW input=10 µs
The minimum width of the input pulse is recommended to exceed 500 ns to ensure the filtering time of the
input filter is exceeded.
††
This parameter applies to all of the channels. Please see the application section for more details.
††† PM is defined as PWIN - PWOUT.


Similar Part No. - IRS23364D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS23364D IRF-IRS23364D Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS23364DJPBF IRF-IRS23364DJPBF Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS23364DJPBF INFINEON-IRS23364DJPBF Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
International Rectifier
IRS23364DJTRPBF IRF-IRS23364DJTRPBF Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS23364DJTRPBF INFINEON-IRS23364DJTRPBF Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
More results

Similar Description - IRS23364D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2336 IRF-IRS2336 Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
logo
Princeton Technology Co...
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
   High Voltage 3-Phase Gate Driver
logo
International Rectifier
IRS26310DJPBF IRF-IRS26310DJPBF Datasheet
1Mb / 41P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC WITH DC BUS
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
   High voltage gate driver IC
Revision 1.0, 2013-07-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com