Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-3300-XS Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SD-3300-XS
Description  1310 nm Light Emitting Diode with Multi-Mode Fiber Pigtail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SD-3300-XS Datasheet(HTML) 1 Page - Optoway Technology Inc

  SD-3300-XS Datasheet HTML 1Page - Optoway Technology Inc SD-3300-XS Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
SD-3300 SERIES
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/20/2001
SD-3300 LED Modules
1310 nm Light Emitting Diode with Multi-Mode Fiber Pigtail
*******************************************************************************************************************************************************
FEATURES
!
-40
oC to 85oC Operating Temperature
!
High Efficiency
!
Hermetically sealed 3-pin metal case
!
Multi-mode Pigtail Package with SC/FC/ST Connector
APPLICATIONS
!
FTTX
!
FDDI
!
Fast Ethernet
DESCRIPTION
The SD-3300 series are 1.3
µm band infrared Light Emitting diodes with multi-mode fiber pigtail for
use as the light sources in optical fiber communications.
ELECTRICAL AND OPTICAL CHARACTERISTICS (T
C=25ºC, CW,If=60mA)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Po
Fiber Optical Coupled Power
62.5/125
µm MM fiber
30
--
--
µW
λ
Center Wavelength
1260
1310
1360
nm
∆λ
Spectral Width
--
--
180
nm
V
F
Forward Voltage
1.2
1.7
V
BW
Band width
120
--
--
MHz
Tr/Tf
Rise/Fall Time
10% to 90%
--
--
2.5
ns
∆Po/∆T Output Power over Temperature -40oC to 85oC
--
--
±3
dB
ABSOLUTE MAXIMUM RATINGS
(T
C=25 ºC)
Symbol
Parameter
Ratings
Unit
VR
Reverse Voltage
2
V
IF
Forward Current
150
mA
Soldering
250oC/10sec
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC


Similar Part No. - SD-3300-XS

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-33000-001 MOLEX4-SD-33000-001 Datasheet
624Kb / 6P
   MX150??Male Terminal
SD-33000-001 MOLEX4-SD-33000-001 Datasheet
624Kb / 6P
   MX150??Male Terminal
SD-33000-001 MOLEX4-SD-33000-001 Datasheet
624Kb / 6P
   MX150??Male Terminal
SD-33000-001 MOLEX5-SD-33000-001 Datasheet
465Kb / 5P
   MX150 1.5MM BLADE TERMINAL
SD-33000-001 MOLEX-SD-33000-001 Datasheet
645Kb / 14P
   MX150 DUAL ROW SEALED ASSEMBLY MAT SEAL
3/28/2016
More results

Similar Description - SD-3300-XS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SD-3500 OPTOWAY-SD-3500 Datasheet
72Kb / 2P
   1310 nm Light Emitting Diode with Multi-Mode Fiber Receptacle
logo
OKI electronic componet...
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
   1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
logo
OSRAM GmbH
SFH464E7800 OSRAM-SFH464E7800 Datasheet
172Kb / 10P
   GaAlAs Light Emitting Diode (660 nm)
logo
Optoway Technology Inc
SPM-9600MG OPTOWAY-SPM-9600MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG OPTOWAY-SPM-9700MG Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
logo
Micropac Industries
62074 MICROPAC-62074 Datasheet
80Kb / 2P
   FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
logo
Optoway Technology Inc
SPM-3602G OPTOWAY-SPM-3602G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7600G OPTOWAY-SPM-7600G_08 Datasheet
176Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602G OPTOWAY-SPM-3602G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
FL-3340 OPTOWAY-FL-3340 Datasheet
92Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com