Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UUH1V102MNL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UUH1V102MNL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUH1V102MNL Datasheet(HTML) 1 Page - Nichicon corporation

  UUH1V102MNL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
100
220
330
470
1000
2200
3300
Endurance
tan
δ
Stability at Low Temperature
43222
Item
After 5000 hours' application of rated voltage at 125°C, capacitors
meet the characteristic requirements listed
at right.
86433
10
16
25
35
50
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Z–25°C / Z+20°C
Z–40°C / Z+20°C
120Hz 20°C
120Hz
Rated voltage (V)
0.22
0.18
0.16
0.14
0.12
– 55 ~ +125°C
10 ~ 50V
100 ~ 3300µF
± 20% at 120Hz, 20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
After storing the capacitors under no load at 125°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Black print on the case top.
After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (µA), whichever is greater.
tan
δ (MAX)
10
16
25
35
50
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Shelf Life
Marking
Within ±30% of initial value
300% or less of initial specified value
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Performance Characteristics
Specifications
UH
series
Chip Type, High Reliability, Higher Capacitance Range
Chip Type, higher capacitance in larger case sizes (
φ12.5, φ16, φ18, φ20)
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape and tray.
Adapted to the RoHS directive (2002/95/EC).
Type numbering system (Example : 50V 330µF)
Dimensions
10
16
25
35
50
1A
1C
1E
1V
1H
101
221
331
471
102
222
332
12.5
× 13.5
12.5
× 16.5
18
× 16.5
16
× 21.5
18
× 21.5
230
350
620
620
770
12.5
× 13.5
12.5
× 13.5
16
× 16.5
18
× 21.5
210
250
440
710
12.5
× 13.5
16
× 16.5
18
× 21.5
20
× 16.5
230
310
540
540
12.5
× 13.5
16
× 16.5
18
× 16.5
16
× 21.5
20
× 21.5
200
280
380
380
610
12.5
× 13.5
16
× 16.5
16
× 21.5
18
× 16.5
18
× 21.5
170
250
340
340
430
Cap.
Code
(µF)
V
Rated Ripple (mArms) at 125°C 120Hz
Chip Type
L±0.5
H±0.1
12.5
4.0
13.6
16.0
8.0
2.5
BD
A
B
C
E
H
16.
4.5
17.1
19.5
10.5
3.75
18.
5.0
19.1
21.5
11.5
3.75
20.
5.0
21.1
23.5
13.5
3.75
B±0.2
Trade mark
Voltage
Plastic platform
Series
Capacitance
Lot No.
Pressure
relief vent
U
1
U
2
H
3
1
4
H
5
3
6
3
7
1
8
M
9
NM S
10
L
11
1
12 13 14
Configuration
Package code
Taping
Tray
MS
ZD
Capacitance Tolerance (± 20%)
Rated Capacitance (330µF)
Rated voltage (50V)
Series name
Type
BD
12.5~18
20
Code
NL
RL
(mm)
Size code
The lead terminal structure : The same bent
lead type (refer to p.60) that is currently
used on 10mm diameter and smaller parts, is
also available upon request.
In this case of the bent lead type, Q will be
put at the 11th digit of type numbering system.
Please ask for details.
In this case, 6 will be put at 12th digit of type numbering system, " "
UH
UJ
ALUMINUM ELECTROLYTIC CAPACITORS
Rated
Ripple
Frequency coefficient of rated ripple current
Cap.(µF)
0100 ~ 4700
1000 ~ 3300
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
Frequency
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please refer to page 3 for the minimum order quantity.
High
Te mperature
Case size
φ D × L (mm)
CAT.8100V


Similar Description - UUH1V102MNL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com