Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-3530-F Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # PT-3530-F
Description  5V / 155 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PT-3530-F Datasheet(HTML) 2 Page - Optoway Technology Inc

  PT-3530-F Datasheet HTML 1Page - Optoway Technology Inc PT-3530-F Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optoway
PT-3500
************************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
5/18/2002
V1.0
Note: Specifications subject to change without notice.
P.
C.
D
P.
C.
D
P.
C.
D
P.
C.
D
P.
C.
D
M8*0.75
P.
C.
D
Thru Holes 2.2 dia.
P.C
.D
P.C
.D
P.
C.
D
P.
C.
D
ORDER INFORMATION
Part No.:
P
T
− 3
5
0
□ □
Code
Voltage
Code
PIN Assignment
Code
Connector Type
0
+5V
Blank
Type A
F
FC/PC
3
+3.3V
B
Type B
FB
FC/PC (Board Mount)
T
ST/PC
S
SC/PC
SB
SC/PC (Board Mount)


Similar Part No. - PT-3530-F

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PT-3530-F OPTOWAY-PT-3530-F Datasheet
107Kb / 2P
   3.3V / 155 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-3530-FB OPTOWAY-PT-3530-FB Datasheet
107Kb / 2P
   3.3V / 155 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
More results

Similar Description - PT-3530-F

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PT-3300 OPTOWAY-PT-3300 Datasheet
111Kb / 2P
   5V / 155 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-3530 OPTOWAY-PT-3530 Datasheet
107Kb / 2P
   3.3V / 155 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-3100 OPTOWAY-PT-3100 Datasheet
91Kb / 2P
   5V / 155 Mbps InGaAs PIN-TIA Receiver
PT-5530 OPTOWAY-PT-5530 Datasheet
108Kb / 2P
   3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-5130 OPTOWAY-PT-5130 Datasheet
90Kb / 2P
   3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA Receiver
PT-3130 OPTOWAY-PT-3130 Datasheet
92Kb / 2P
   3.3V / 155 Mbps InGaAs PIN-TIA Receiver
PT-5330 OPTOWAY-PT-5330 Datasheet
98Kb / 2P
   3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-33100 OPTOWAY-PT-33100 Datasheet
92Kb / 2P
   5V / 1.3 關m / 155 Mbps InGaAs PIN-TIA Receiver
PT-53100 OPTOWAY-PT-53100 Datasheet
92Kb / 2P
   5V / 1.55 關m / 155 Mbps InGaAs PIN-TIA Receiver
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com