Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UUN1C332MRL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UUN1C332MRL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUN1C332MRL Datasheet(HTML) 1 Page - Nichicon corporation

  UUN1C332MRL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L±0.5
H±0.1
12.5
4.0
13.6
16.0
8.0
2.5
BD
A
B
C
E
H
16.
4.5
17.1
19.5
10.5
3.75
18.
5.0
19.1
21.5
11.5
3.75
20.
5.0
21.1
23.5
13.5
3.75
B±0.2
Trade mark
Voltage
Plastic platform
Series
Capacitance
Lot No.
Pressure
relief vent
(mm)
The lead terminal structure : The same bent
lead type (refer to p.60) that is currently
used on 10mm diameter and smaller parts, is
also available upon request.
In this case of the bent lead type, Q will be
put at the 11th digit of type numbering system.
Please ask for details.
U
1
U
2
N
3
1
4
H
5
3
6
3
7
1
8
M
9
N
10
LM S
11
1
12
13 14
Configuration
Package code
Taping
Tray
MS
ZD
Capacitance Tolerance (
±20%)
Rated Capacitance (330
µF)
Rated voltage (50V)
Series name
Type
φD
12.5 ~ 18
20
Code
NL
RL
Size code
22
33
47
100
220
330
470
1000
2200
3300
220
330
470
101
221
331
471
102
222
332
12.5
× 13.5
12.5
× 16
18
× 16.5
16
× 21.5
18
× 21.5
270
500
740
740
920
12.5
× 13.5
16
× 16.5
18
× 21.5
340
600
830
12.5
× 13.5
16
× 16.5
18
× 16.5
16
× 21.5
310
420
670
670
12.5
× 13.5
16
× 16.5
16
× 16.5
18
× 21.5
12.5
× 13.5
16
× 16.5
18
× 16.5
16
× 21.5
18
× 21.5
12.5
× 13.5
12.5
× 16
18
× 16.5
16
× 21.5
18
× 21.5
20
× 21.5
12.5
× 13.5
16
× 16.5
18
× 21.5
20
× 21.5
12.5
× 13.5
12.5
× 16
16
× 16.5
18
× 21.5
270
370
490
780
180
330
450
450
590
130
230
400
400
540
640
140
270
440
590
ALUMINUM ELECTROLYTIC CAPACITORS
Endurance
tan
δ
Stability at Low Temperature
54
3
2
2
2
2
2
Item
After 2000 hours' application of rated voltage at 105°C with the
polarity inverted every 250 hours, capacitors meet the characteristic
requirements listed at right.
10
8
6
43
33
3
6.3
10
16
25
35
50
63
100
120Hz 20°C
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Z–25°C / Z+20°C
Z–40°C / Z+20°C
Rated voltage (V)
0.26
0.22
0.18
0.16
0.14
0.12
0.10
0.09
– 55 ~ +105°C
6.3 ~ 100V
22 ~ 3300µF
± 20% at 120Hz, 20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Black print on the case top.
After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (µA), whichever is greater.
tan
δ (MAX)
6.3
10
16
25
35
50
63
100
120Hz
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Shelf Life
Marking
Within ±20% of initial value
200% or less of initial specified value
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Performance Characteristics
Specifications
UN
series
Chip Type, Bi-Polarized, Higher Capacitance Range
Chip Type ,higher capacitance in larger case sizes (
φ12.5, φ16, φ18, φ20)
Designed for surface mounting on high density PC board.
Bi-polarized series for operations over wide temperature range of – 55 ~ +105°C.
Applicable to automatic mounting machine using carrier tape and tray.
Adapted to the RoHS directive (2002/95/EC).
Type numbering system (Example : 50V 330µF)
Dimensions
6.3
10
16
25
35
50
63
100
0J
1A
1C
1E
1V
1H
1J
2A
Cap.
Code
(µF)
V
Rated
Ripple
Chip Type
UN
Bi-polarized
UJ
100
150
180
310
In this case, 6 will be put at 12th digit of type numbering system, " "
Rated Ripple (mArms) at 105°C 120Hz
Frequency coefficient of rated ripple current
Cap.(µF)
00 ~ 470
100 ~ 470
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.75
1.00
1.35
1.57
2.00
0.80
1.00
1.23
1.34
1.50
1000 ~ 3300
0.85
1.00
1.10
1.13
1.15
Frequency
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please refer to page 3 for the minimum order quantity.
Case size
φ D × L (mm)
CAT.8100V


Similar Part No. - UUN1C332MRL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUN1H331MNQ1MS NICHICON-UUN1H331MNQ1MS Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UUN1C332MRL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com