Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR91-21C Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # SIR91-21C
Description  .9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SIR91-21C Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

  SIR91-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd SIR91-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd SIR91-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd SIR91-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd SIR91-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd SIR91-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd SIR91-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd SIR91-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd SIR91-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 9 of 10
Device No:DTS-091-002
Prepared date:15-Aug-2007
Prepared by:Libin
SIR91-21C
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com


Similar Part No. - SIR91-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SIR928-6C-F EVERLIGHT-SIR928-6C-F Datasheet
188Kb / 8P
   Side Face Infrared LED
SIR928-6C-F EVERLIGHT-SIR928-6C-F Datasheet
194Kb / 8P
   Side Face Infrared LED
More results

Similar Description - SIR91-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2522A0 EVERLIGHT-EAISZ2522A0 Datasheet
531Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
logo
HK TO-GRACE TECHNOLOGY ...
95-21SDRC-S530-A3-TR10 TO-GRACE-95-21SDRC-S530-A3-TR10 Datasheet
651Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead (Square Base) LED
logo
Everlight Electronics C...
95-21SDRC-S530-A3-TR10 EVERLIGHT-95-21SDRC-S530-A3-TR10 Datasheet
218Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead (Square Base) LED
95-21SDRC EVERLIGHT-95-21SDRC Datasheet
213Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead (Square Base) LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
EAISZ2120A0 EVERLIGHT-EAISZ2120A0 Datasheet
463Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
EAISY2021A1 EVERLIGHT-EAISY2021A1 Datasheet
592Kb / 9P
   1.9mm Round Subminiature ?쏽oke??Lead Infrared LED
PT91-21C-TR10 EVERLIGHT-PT91-21C-TR10 Datasheet
258Kb / 10P
   1.9mm Round Subminiature??Z-Bend??Lead Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com