Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI7C9X130 Datasheet(PDF) 30 Page - Pericom Semiconductor Corporation

Part # PI7C9X130
Description  PCI Express to PCI-X Reversible Bridge
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C9X130 Datasheet(HTML) 30 Page - Pericom Semiconductor Corporation

Back Button PI7C9X130 Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 34Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 157 page
background image
PI7C9X130
PCI EXPRESS TO PCI-X BRIDGE
Page 30 of 157
PERICOM SEMICONDUCTOR
September 2007 - Rev 1.2
Primary Bus
Configuration
Access for both
Transparent and
Non-transparent
mode or
Secondary Bus
Configuration
Access for
Transparent
Mode
Secondary
Bus
Configuration
Access for
Non-
Transparent
Mode only
Transparent
Mode (type1)
Non-
Transparent
Mode
(Type0)
EEPROM
(I2C) Access
SM Bus
Access
0Eh
4Eh
Header Type
Register
Header Type
Register
No
Yes
0Fh
4Fh
Reserved
Reserved
-
-
13h – 10h
53h – 50h
Reserved
Primary CSR
and Memory 0
BAR
No
Yes
17h – 14h
57h – 54h
Reserved
Primary CSR
I/O BAR
No
Yes
18h
58h
Primary Bus
Number
Register
Downstream
I/O or Memory
1 BAR
No
Yes
19h
59h
Secondary Bus
Number
Register
Downstream
I/O or Memory
1 BAR
No
Yes
1Ah
5Ah
Subordinate Bus
Number
Register
Downstream
I/O or Memory
1 BAR
No
Yes
1Bh
5Bh
Secondary
Latency Timer
Downstream
I/O or Memory
1 BAR
No
Yes
1Ch
5Ch
I/O Base
Register
Downstream
Memory 2 BAR
No
Yes
1Dh
5Dh
I/O Limit
Register
Downstream
Memory 2 BAR
No
Yes
1Fh – 1Eh
5Fh – 5Eh
Secondary
Status Register
Downstream
Memory 2 BAR
No
Yes
21h – 20h
61h – 60h
Memory Base
Register
Downstream
Memory 3 BAR
No
Yes
23h – 22h
63h – 62h
Memory Limit
Register
Downstream
Memory 3 BAR
No
Yes
25h – 24h
65h – 64h
Prefetchable
Memory Base
Register
Downstream
Memory 3
Upper 32-bit
BAR
No
Yes
27h – 26h
67h - 66h
Prefetchable
Memory Limit
Register
Downstream
Memory 3
Upper 32-bit
BAR
No
Yes
2Bh – 28h
2Bh – 28h
Prefetchable
Memory Base
Upper 32-bit
Register
Reserved
No
Yes
2Dh – 2Ch
2Dh – 2Ch
Prefetchable
Memory Limit
Upper 32-bit
Register
Subsystem
Vendor ID
Yes
2
Yes
5
2Fh – 2Eh
2Fh – 2Eh
Prefetchable
Memory Limit
Upper 32-bit
Register
Subsystem ID
Yes
2
Yes
5
31h – 30h
31h – 30h
I/O Base Upper
16-bit Register
Reserved
No
Yes
33h – 32h
33h – 32h
I/O Limit Upper
16-bit Register
Reserved
No
Yes


Similar Part No. - PI7C9X130

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
   PCI Express-to-PCI Reversible Bridge
PI7C9X110BNBE PERICOM-PI7C9X110BNBE Datasheet
936Kb / 145P
   PCI Express-to-PCI Reversible Bridge
PI7C9X111SL PERICOM-PI7C9X111SL Datasheet
499Kb / 78P
   PCI Express-to-PCI Reversible Bridge
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
   PCI Express-to-PCI Reversible Bridge
PI7C9X1172 PERICOM-PI7C9X1172 Datasheet
464Kb / 1P
   UART Bridge Controller
More results

Similar Description - PI7C9X130

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
   PCI Express-to-PCI Reversible Bridge
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
   PCI Express-to-PCI Reversible Bridge
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
   PCI Express-to-PCI/PCI-X Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
   PCI Express-to-PCI/PCI-X Bridge
logo
List of Unclassifed Man...
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
   ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
   PCI Express to PCI Bridge
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
   PCI Express to PCI Bridge
logo
Broadcom Corporation.
PEX8112 BOARDCOM-PEX8112 Datasheet
183Kb / 2P
   ExpressLane??PCI Express to PCI Bridge
logo
PLX Technology
PEX8112 PLX-PEX8112 Datasheet
112Kb / 2P
   ExpressLane??PCI Express to PCI Bridge
logo
Texas Instruments
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com