Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI7C9X130 Datasheet(PDF) 37 Page - Pericom Semiconductor Corporation

Part # PI7C9X130
Description  PCI Express to PCI-X Reversible Bridge
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C9X130 Datasheet(HTML) 37 Page - Pericom Semiconductor Corporation

Back Button PI7C9X130 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C9X130 Datasheet HTML 41Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 157 page
background image
PI7C9X130
PCI EXPRESS TO PCI-X BRIDGE
Page 37 of 157
PERICOM SEMICONDUCTOR
September 2007 - Rev 1.2
PCI Express /
PCI Memory
Offset
SM Bus
Offset
Register
Name
Reset Value
EEPROM
(I2C) Access
SM Bus
Access
1FFh – 100h
3FFh – 300h
Upstream
Memory 2
Lookup Table
0
No
Yes
FFFh – 200h
11FFh – 400h
Reserved
0
No
Yes
7.4
PCI CONFIGURATION REGISTERS FOR TRANSPARENT BRIDGE
MODE
The following section describes the configuration space when the device is in transparent mode. The
descriptions for different register type are listed as follow:
Register Type
Descriptions
RO
Read Only
ROS
Read Only and Sticky
RW
Read/Write
RWC
Read/Write “1” to clear
RWS
Read/Write and Sticky
RWCS
Read/Write “1” to clear and Sticky
7.4.1
VENDOR ID – OFFSET 00h
Bit
Function
Type
Description
15:0
Vendor ID
RO
Identifies Pericom as the vendor of this device. Returns 12D8h when read.
7.4.2
DEVICE ID – OFFSET 00h
Bit
Function
Type
Description
31:16
Device ID
RO
Identifies this device as the PI7C9X130. Returns E130 when read.
7.4.3
COMMAND REGISTER – OFFSET 04h
Bit
Function
Type
Description
0
I/O Space Enable
RW
0: Ignore I/O transactions on the primary interface
1: Enable response to memory transactions on the primary interface
Reset to 0
1
Memory Space
Enable
RW
0: Ignore memory read transactions on the primary interface
1: Enable memory read transactions on the primary interface
Reset to 0
2
Bus Master Enable
RW
0: Do not initiate memory or I/O transactions on the primary interface and
disable response to memory and I/O transactions on the secondary interface
1: Enable the bridge to operate as a master on the primary interfaces for
memory and I/O transactions forwarded from the secondary interface. If the
primary of the reverse bridge is PCI-X mode, the bridge is allowed to initiate a
split completion transaction regardless of the status bit.
Reset to 0


Similar Part No. - PI7C9X130

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
   PCI Express-to-PCI Reversible Bridge
PI7C9X110BNBE PERICOM-PI7C9X110BNBE Datasheet
936Kb / 145P
   PCI Express-to-PCI Reversible Bridge
PI7C9X111SL PERICOM-PI7C9X111SL Datasheet
499Kb / 78P
   PCI Express-to-PCI Reversible Bridge
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
   PCI Express-to-PCI Reversible Bridge
PI7C9X1172 PERICOM-PI7C9X1172 Datasheet
464Kb / 1P
   UART Bridge Controller
More results

Similar Description - PI7C9X130

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
   PCI Express-to-PCI Reversible Bridge
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
   PCI Express-to-PCI Reversible Bridge
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
   PCI Express-to-PCI/PCI-X Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
   PCI Express-to-PCI/PCI-X Bridge
logo
List of Unclassifed Man...
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
   ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
   PCI Express to PCI Bridge
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
   PCI Express to PCI Bridge
logo
Broadcom Corporation.
PEX8112 BOARDCOM-PEX8112 Datasheet
183Kb / 2P
   ExpressLane??PCI Express to PCI Bridge
logo
PLX Technology
PEX8112 PLX-PEX8112 Datasheet
112Kb / 2P
   ExpressLane??PCI Express to PCI Bridge
logo
Texas Instruments
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com