Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM374S403CT Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KMM374S403CT
Description  PC100 SDRAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM374S403CT Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KMM374S403CT Datasheet HTML 2Page - Samsung semiconductor KMM374S403CT Datasheet HTML 3Page - Samsung semiconductor KMM374S403CT Datasheet HTML 4Page - Samsung semiconductor KMM374S403CT Datasheet HTML 5Page - Samsung semiconductor KMM374S403CT Datasheet HTML 6Page - Samsung semiconductor KMM374S403CT Datasheet HTML 7Page - Samsung semiconductor KMM374S403CT Datasheet HTML 8Page - Samsung semiconductor KMM374S403CT Datasheet HTML 9Page - Samsung semiconductor KMM374S403CT Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PC100 SDRAM MODULE
KMM374S403CT
REV. 1 Mar. '98
1. Measured with outputs open.
2. Refresh period is 64ms.
Note :
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, T
A
= 0 to 70
°C)
Parameter
Symbol
Test Condition
CAS
Latency
Version
Unit
Note
-8
-H
-L
Operating Current
(One Bank Active)
ICC1
Burst Length =1
t RC
≥tRC(min)
I OL = 0 mA
1,035
990
990
mA
1
Precharge Standby Current
in power-down mode
ICC2P
CKE
≤VIL(max), tCC = 15ns
18
mA
ICC2PS
CKE & CLK
≤VIL(max), tCC = ∞
18
Precharge Standby Current
in non power-down mode
ICC2N
CKE
≥VIH(min), CS≥VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
270
mA
ICC2NS
CKE
≥VIH(min), CLK ≤VIL(max), tCC = ∞
Input signals are stable
72
Active Standby Current
in power-down mode
ICC3P
CKE
≤VIL(max), tCC = 15ns
36
mA
ICC3PS
CKE & CLK
≤VIL(max), tCC = ∞
18
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE
≥VIH(min), CS≥VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
450
mA
ICC3NS
CKE
≥VIH(min), CLK ≤VIL(max), tCC = ∞
Input signals are stable
270
mA
Operating Current
(Burst Mode)
ICC4
I OL = 0 mA
Page Burst
2Banks Activated
t CCD = 2CLKs
3
1,215
1,110
1,110
mA
1
2
990
1,110
990
Refresh Current
ICC5
tRC
≥tRC(min)
990
mA
2
Self Refresh Current
ICC6
CKE
≤0.2V
18
mA


Similar Part No. - KMM374S403CT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372C1600BK SAMSUNG-KMM372C1600BK Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C1600BS SAMSUNG-KMM372C1600BS Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C1680BK SAMSUNG-KMM372C1680BK Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C1680BS SAMSUNG-KMM372C1680BS Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
More results

Similar Description - KMM374S403CT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
   PC100 SDRAM MODULE
KMM366S1623CTY SAMSUNG-KMM366S1623CTY Datasheet
565Kb / 11P
   PC100 SDRAM MODULE
PC100 SAMSUNG-PC100 Datasheet
151Kb / 10P
   PC100 SDRAM MODULE Preliminary
logo
List of Unclassifed Man...
KVR100X64C3256 ETC1-KVR100X64C3256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C2256 ETC1-KVR100X64C2256 Datasheet
33Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C3128 ETC1-KVR100X64C3128 Datasheet
32Kb / 1P
   100MHz SDRAM 168-Pin PC100 Memory Module
logo
Samsung semiconductor
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
logo
Mosel Vitelic, Corp
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644R04VCTG-10PC MOSEL-V43644R04VCTG-10PC Datasheet
54Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com