Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NU-73D74D-PG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # NU-73D74D-PG
Description  3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX10-U ONU Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

NU-73D74D-PG Datasheet(HTML) 3 Page - Optoway Technology Inc

  NU-73D74D-PG Datasheet HTML 1Page - Optoway Technology Inc NU-73D74D-PG Datasheet HTML 2Page - Optoway Technology Inc NU-73D74D-PG Datasheet HTML 3Page - Optoway Technology Inc NU-73D74D-PG Datasheet HTML 4Page - Optoway Technology Inc NU-73D74D-PG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
NU-73D74D-PG
****************************************************************************************************************************************************************************
*****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2006 V5.0
3
Receiver Characteristics ( 0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V )
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Optical
Sensitivity
Sen
-26
dBm
3
Saturation Optical Power
Sat
-3
dBm
3
Wavelength of Operation
1480
1500
nm
4
Rejection of 1550 nm Signal
40
dB
Signal Detect Assert Level
Pa
-26
dBm
Signal Detect Deassert Level
Pd
-45
dBm
Signal Detect Hysteresis
1.0
dB
Data Rate
1.25
Gb/s
Optical Return Loss
14
dB
Electrical
Power Supply Current
Icc
100
130
mA
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
5
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
5
SD Output Voltage -- Low
VOL - VCC
0.8
V
SD Output Voltage -- High
VOH - VCC
2.0
V
Signal Detect Assert Time
ASMAX
100
µs
OFF to ON
Signal Detect Deassert Time
ANSMAX
300
µs
ON to OFF
3. Sensitivity and saturation levels at BER 1E-12 @ 2
7-1 PRBS @ER=9.
4. At least 30 dB optical isolation for the wavelength 1260 to 1360 nm.
5. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL outputs.
CONNECTION DIAGRAM
PIN
Symbol
I/O
Notes
1
RX-VEE
I
Directly connect this pin to the receiver ground plane
2
RX-VCC
I
+3.3V dc power for the receiver section
3
SD
O
Active high on this indicates presence of received optical signal (LVTTL)
4
RD
O
Receiver Dataout AC coupled.
5
RD+
O
Receiver Dataout. AC coupled.
6
TX-VCC
I
+3.3V dc power for the transmitter section
7
TX-VEE
I
Directly connect this plan to the transmitter ground plane
8
BEN
I
TX Burst enable Control. When this pin is “Hi (LVTTL/LVCMOS)”, TX burst is enabled. When
this pin is “Lo (LVTTL/LVCMOS)”, TX burst is disabled. This pin is internally pulled to “Hi”.
9
TD+
I
Transmitter Data In. DC coupled.
10
TD-
I
Transmitter Data Bar In. DC coupled.
MS
MS
Mounting Studs. Connect to Chassis Ground


Similar Part No. - NU-73D74D-PG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
NU-73B94B-P-AG OPTOWAY-NU-73B94B-P-AG Datasheet
157Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
NU-73B94B-PG OPTOWAY-NU-73B94B-PG Datasheet
157Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
NU-73C94C-PG OPTOWAY-NU-73C94C-PG Datasheet
156Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver
NU-73H74H-PG OPTOWAY-NU-73H74H-PG Datasheet
159Kb / 5P
   3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver
NU-73H74H-RG OPTOWAY-NU-73H74H-RG Datasheet
159Kb / 5P
   3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver
More results

Similar Description - NU-73D74D-PG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
NU-73H74H-PG OPTOWAY-NU-73H74H-PG Datasheet
159Kb / 5P
   3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
LT-74D73D-PG OPTOWAY-LT-74D73D-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX10)
LT-74E73E-PG OPTOWAY-LT-74E73E-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)
NU-73B94B-PG OPTOWAY-NU-73B94B-PG Datasheet
157Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
NU-73C94C-PG OPTOWAY-NU-73C94C-PG Datasheet
156Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver
SPL-74H73H-G OPTOWAY-SPL-74H73H-G Datasheet
172Kb / 4P
   3.3V / 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX IEEE 802.3ah-2004 PX-20 SC SFP OLT Transceiver
NU-33B54B-R OPTOWAY-NU-33B54B-R Datasheet
118Kb / 5P
   155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
NU-33B54B-K OPTOWAY-NU-33B54B-K Datasheet
119Kb / 5P
   155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
TRSL-7110W OPTOWAY-TRSL-7110W Datasheet
156Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com