Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQSW6221MELZ45 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LQSW6221MELZ45
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LQSW6221MELZ45 Datasheet(HTML) 1 Page - Nichicon corporation

  LQSW6221MELZ45 Datasheet HTML 1Page - Nichicon corporation LQSW6221MELZ45 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
Item
Performance Characteristics
ALUMINUM ELECTROLYTIC CAPACITORS
QS
Hi speed
charge-
discharge
QS
series
Snap-in Terminal type, wide Tempereture range,
High speed charge-discharge.
Suited for high frequency regenerative voltage for AC servomotor,
general inverter.
Suited for equipment used at valtage fluctuating area.
Suited for rectifier circuit of voltage doubler
Adapted to the RoHS directive (2002/95/EC).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance of charge-
discharge behavior
Endurance
Shelf Life
Marking
25 ~ +105°C
350 ~ 450V
82 ~ 820µF
± 20% at 120Hz, 20°C
(µA) (After 5 minutes' application of rated voltage [C : Rated Capacitance(µF), V : Voltage (V) ]
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the specified value for endurance characteristics listed above.
(Measurement frequency:120Hz,
Temperature:20°C)
Rated voltage (V)
350
400
420
450
tan
δ (MAX.)
0.15
0.15
0.15
0.20
Rated voltage (V)
350 ~ 450
Z 25°C / Z+20°C
8
Impedance ratio ZT/Z20(MAX.)
Measurement frequency : 120Hz
Printed with white color letter on black sleeve.
10±0.1
2-2f±0.1
(Terminal dimensions)
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8
+0.2
-0.1
Polarity bar
10
2
4.0±0.5
Pressure relief vent
Sleeve (P.E.T.)
L
1
Q
2
S
3
2
4
G
5
1
6
8
7
1
8
M
9
E
10
L
11
A
12
3
13
0
14
Configuration
Case dia. code
Case length code
Rated Capacitance (180µF)
Rated voltage (400V)
Series name
Type
fD
22
25
30
35
Code
Z
A
B
C
Capacitance tolerance (±20%)
Please contact to us if other configurations are required.
Drawing
GU
Capacitance change
tan
δ
Leakage current
Appearance
Within ±20% of initial value
300% or less of initial specified value
Initial specified value or less
There shell be found to remarkable abnormality on the capacitor
Capacitance change
tan
δ
Leakage current
Within ±20% of initial value
200% or less of initial specified value
Initial specified value or less
3
I
CV
Type numbering system (Example : 400V 180µF)
Dimension table in next page.
Minimum order quantity : 50pcs.
The other terminal is also available upon request.
Please refer page 237 for schematic of dimensions.
After 3000 hours application of rated voltage at 105°C, capacitance meet the
characteristic requirements listed at right.
After an application of charge-discharge voltage for 50million times
(charge-discharge voltage difference(
∆V)=rated voltage
× 0.35, cycle
6Hz)capacitors shell meet the characteristics requirement listed at
right


Similar Part No. - LQSW6221MELZ45

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
LQS100A48-1V2J EMERSON-NETWORKPOWER-LQS100A48-1V2J Datasheet
145Kb / 4P
   High Current, High Efficiency, Low Profile
LQS100A48-1V2J EMERSON-NETWORKPOWER-LQS100A48-1V2J Datasheet
145Kb / 4P
   Quarter-Brick Series
logo
Artesyn Technologies
LQS100A48-1V2J ARTESYN-LQS100A48-1V2J Datasheet
517Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
LQS100A48-1V5J EMERSON-NETWORKPOWER-LQS100A48-1V5J Datasheet
145Kb / 4P
   High Current, High Efficiency, Low Profile
More results

Similar Description - LQSW6221MELZ45

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com