Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-5330-1490-XF Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # DL-5330-1490-XF
Description  1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5330-1490-XF Datasheet(HTML) 2 Page - Optoway Technology Inc

  DL-5330-1490-XF Datasheet HTML 1Page - Optoway Technology Inc DL-5330-1490-XF Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optoway
DL-5300-1490
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2003 V1.0
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Note: Specifications subject to change without notice.
ORDER INFORMATION
Part No.: D
L
− 5 3 □ □ □ − 1 4 9 0 − □
□ □
Code
Pout (mw)
Code
Flange
Code
Isolator
2
1
V
Vertical
Blank
No
3
2
H
Horizontal
S
Single-Stage
X
No Flange
Code Pin Assignment
0
Type A
Code
Connector
5
Type B
S
SC/PC
8
Type C
F
FC/PC
T
ST/PC
Code
Speed
X
No connector
Blank
1.25 Gbps
SA
SC/APC
S
2.5 Gbps
FA
FC/APC
TA
ST/APC


Similar Part No. - DL-5330-1490-XF

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5330-1490-XF OPTOWAY-DL-5330-1490-XF Datasheet
90Kb / 2P
   1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5330-1490-XFA OPTOWAY-DL-5330-1490-XFA Datasheet
90Kb / 2P
   1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5330-1490-XFAS OPTOWAY-DL-5330-1490-XFAS Datasheet
90Kb / 2P
   1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5330-1490-XFS OPTOWAY-DL-5330-1490-XFS Datasheet
90Kb / 2P
   1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
More results

Similar Description - DL-5330-1490-XF

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5300S-1490 OPTOWAY-DL-5300S-1490 Datasheet
90Kb / 2P
   1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1490 OPTOWAY-DL-5500-1490 Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1490 OPTOWAY-DL-5300-1490_07 Datasheet
111Kb / 3P
   1490 nm DFB LASER DIODE MODULE UNCOOLED MQWDFB LD WITH PIGTAIL
DL-5340 OPTOWAY-DL-5340 Datasheet
94Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com