Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWP1H100MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UWP1H100MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWP1H100MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UWP1H100MCL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U
1
W
2
P
3
1
4
C
5
1
6
0
7
0
8
M
9
C
10
L
11
1
12
G
13
B
14
Configuration
Taping code
Capacitance tolerance (
±20%)
Rated Capacitance (10
µF)
Rated voltage (16V)
Series name
Type
Voltage mark for 6.3V is
6V .
Voltage
Capacitance
Lot No.
Plastic platform
0.3 MAX.
5.4
+0.1
–0.2
C
±0.2
0.5 ~ 0.8
φD
A
B
C
E
1.8
4.3
4.3
1.0
2.1
5.3
5.3
1.3
2.4
6.6
6.6
2.2
45
(mm)
6.3
3.3
8.3
8.3
2.3
8
WP
series
5.5mmL Chip Type, Bi-Polarized
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Chip Type
Dimensions
Type numbering system (Example : 16V 10µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
6.3 ~ 50V
0.1 ~ 100µF
±20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.05CV or 10 (µA) ,whichever is greater.
Black print on the case top.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 1000 hours' application of rated voltage
at 85°C with the polarity inverted every 250
hours, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Resistance to soldering
heat
The capacitors shall be kept on the hot plate maintained at 250°C
for 30 seconds. After removing from the hot plate and restored
at room temperature, they meet the characteristic requirements
listed at right.
WP
Rated voltage (V)
tan
δ (MAX.)
6.3
0.24
10
0.20
16
0.17
25
0.17
35
0.15
50
0.15
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
4
8
10
3
6
16
2
4
25
2
4
35
2
3
50
2
3
Rated Ripple (mArms) at 85°C 120Hz
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
5
6.3
6.3
8
28
37
45
82
4
6.3
6.3
8
17
33
41
61
4
5
6.3
6.3
8
12
23
37
49
75
5
5
6.3
8
8
12
16
27
50
61
4
5
5
6.3
8
8.4
16
18
29
54
4
4
4
4
4
5
5
6.3
8
1.0
2.0
2.8
4.0
8.4
13
17
20
36
Allowable
ripple
0J
Cap. (µF)
V
6.3
1A
10
1C
16
1E
25
1V
35
1H
50
Code
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
200% or less of initial specified value
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
Rated
ripple
ALUMINUM ELECTROLYTIC CAPACITORS
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.70
1.00
1.17
1.36
1.50
Case size
φ D (mm)
ZP
Smaller
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please select UN(p.77) series if high C/V products are
reqired.
Please refer to page 3 for the minimum order quantity.
CAT.8100V


Similar Part No. - UWP1H100MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWP1C100MCL1GB NICHICON-UWP1C100MCL1GB Datasheet
40Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWP1H100MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com