Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-5120-C610 Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # DL-5120-C610
Description  1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5120-C610 Datasheet(HTML) 2 Page - Optoway Technology Inc

  DL-5120-C610 Datasheet HTML 1Page - Optoway Technology Inc DL-5120-C610 Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optoway
DL-5100S-CXX0
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2/1/2004 V1.2
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Optical Output Power
6
mW
VRL
LD Reverse Voltage
2
V
VRD
PD Reverse Voltage
15
V
IFD
PD Forward Current
2
mA
Topr
Operating Temperature
0 ~ 70
ºC
Tstg
Storage Temperature
-40 ~ +85
ºC
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Note: Specifications subject to change without notice.
ORDER INFORMATION
Part No.: D
L
− 5
1
C
0
Code
Cap Type
Code
Wavelegnth
Code
Wavelegnth
0
Flat Window
27
1270 nm
45
1450 nm
2
Aspherical Lens
29
1290 nm
47
1470 nm
4
2 mm Ball Lens
31
1310 nm
49
1490 nm
33
1330 nm
51
1510 nm
Code
Pin Assignment
35
1350 nm
53
1530 nm
0
Type A
37
1370 nm
55
1550 nm
5
Type B
39
1390 nm
57
1570 nm
8
Type C
41
1410 nm
59
1590 nm
43
1430 nm
61
1610 nm
Code
Speed
Blank
1.25 Gbps
S
2.5 Gbps


Similar Part No. - DL-5120-C610

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5120-C610 OPTOWAY-DL-5120-C610 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
More results

Similar Description - DL-5120-C610

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0_07 Datasheet
119Kb / 3P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5300S-CXX0 OPTOWAY-DL-5300S-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5340S-CXX0 OPTOWAY-DL-5340S-CXX0 Datasheet
93Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5540S-CXX0 OPTOWAY-DL-5540S-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com