Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWS1A471MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UWS1A471MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWS1A471MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UWS1A471MCL Datasheet HTML 1Page - Nichicon corporation UWS1A471MCL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Plastic platform
0.3MAX.
C
±0.2
H
Positive
Negative
L
±0.3
Trade mark
1
1 Size
φ8 × 6.2 only
Series
Voltage (A:10V)
Capacitance
Lot No.
H
Plastic platform
0.3MAX.
C
±0.2
Positive
Negative
L
±0.5
Trade mark
Series
Capacitance
Voltage (V:35V)
Lot No.
(mm)
A
B
C
E
L
H
6.3
× 5.8
2.4
6.6
6.6
2.2
5.8
0.5 ~ 0.8
6.3
× 7.7
2.4
6.6
6.6
2.2
7.7
0.5 ~ 0.8
8
× 6.2
3.3
8.3
8.3
2.3
6.2
0.5 ~ 0.8
8
× 10
2.9
8.3
8.3
3.1
10
0.8 ~ 1.1
10
× 10
3.2
10.3
10.3
4.5
10
0.8 ~ 1.1
φ D × L
U
1
W
2
S
3
1
4
A
5
1
6
0
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Package code
Capacitance tolerance (–20%)
Rated Capacitance (100
µF)
Rated voltage (10V)
Series name
Type
WS
series
Chip Type, High CV
High Temperature (260°C) Reflow
Corresponding with 260°C peak reflow soldering
Recomended reflow condition : 260°C peak 5 sec. 230°C over 60 sec. 2 times
(
φ8 × 6.2, φ10 × 10 : 1 time)
Chip type higher capacitance in large case size.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Chip Type
(
φ6.3, φ8 × 6.2)
(
φ8 × 10, φ10 × 10)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
Performance Characteristics
Item
– 40 ~ +85°C
6.3 ~ 50V
22 ~ 1500µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV (µA) .
Black print on the case top.
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Type numbering system (Example : 10V 100µF)
The capacitors shall be kept on the hot plate maintained at 250°C,
for 30 seconds. After removing from the hot plate and restored
at room temperature, they meet the characteristic requirements
listed at right.
After 2000 hours' application of rated voltage
at 85°C, capacitors meet the characteristic
requirements listed at right.
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of initial specified value
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
Measurement frequency: 120Hz
Rated voltage (V)
tan
δ (MAX.)
Measurement frequency : 120Hz, Temperature : 20°C
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
Dimension table in next page.
WS
UR
6.3
0.28
10
0.24
16
0.20
25
0.16
35
0.14
50
0.12
6.3
5
10
10
4
8
16
3
6
25
2
4
35
2
3
50
2
3
Voltage
V
6.3
10
16
25
35
50
Code
j
A
C
E
V
H
High
Temperature
Reflow
CAT.8100V


Similar Part No. - UWS1A471MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWS1A101MCL1GS NICHICON-UWS1A101MCL1GS Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWS1A471MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com