Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1235 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT1235
Description  High Efficiency White LED Drivers for Backlight and Keypad
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1235 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT1235 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AAT1235
High Efficiency White LED Drivers
for Backlight and Keypad
1235.2007.02.1.1
9
Functional Block Diagram
Boost
Converter
Control
VIN
LIN
IN
SW
AS2Cwire
Control
ROM
V(A1, A2, A3)
VREF
V(B1, B2)
VREF
B1
A3
A2
A1
B2
D/A
ROM
Max Current
Adjustment
RSET
AGND
OV
GND
EN/SET
D/A
D/A
D/A
D/A
Functional Description
The AAT1235 consists of a controller for the step-up
switching converter and its power switch, and five
regulated current sinks each programmable at 16
levels into two groups, which can be turned on/off
individually. An external Schottky diode, a power
inductor, an output capacitor, and a resistor divider
are required to complete the solution.
The AAT1235's boost controller is designed to
deliver 100mA up to 24V. The AAT1236 is capable
of driving a total of five channels divided into two
groups with four white LEDs connected in series at
each channel.
The output load current can be programmed by the
current sink magnitudes. AS2Cwire programming
allows independent control of two current sink
groups (A1 to A3 and B1 to B2) and control on/off
with a different configuration on each channel.
Unused sink channel(s) must be connected to
AGND to ensure proper function of the AAT1235.
Control Loop
The AAT1235 provides the benefits of current
mode control with a simple hysteretic output cur-
rent loop providing exceptional stability and fast
response with minimal design effort. The device
maintains exceptional constant current regulation,
transient response, and cycle-by-cycle current limit
without additional compensation components.
The AAT1235 modulates the power MOSFET
switching current to maintain the programmed sink
current through each channel. The sink voltage at
each channel is monitored and the controller pro-
vides direct feedback in order to maintain the
desired LED current.


Similar Part No. - AAT1235

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230 Datasheet
492Kb / 21P
   18V 100mA Step-Up Converter
AAT1230 ANALOGICTECH-AAT1230 Datasheet
604Kb / 21P
   18V 100mA Step-Up Converter
logo
Skyworks Solutions Inc.
AAT1230 SKYWORKS-AAT1230 Datasheet
1Mb / 21P
   18V, 100mA Step-Up Converter
June 12, 2012
logo
Advanced Analogic Techn...
AAT1230-1 ANALOGICTECH-AAT1230-1 Datasheet
604Kb / 21P
   18V 100mA Step-Up Converter
AAT1230-1 ANALOGICTECH-AAT1230-1 Datasheet
458Kb / 21P
   18V 100mA Step-Up Converter
More results

Similar Description - AAT1235

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1236 AAT-AAT1236 Datasheet
1,016Kb / 24P
   High Efficiency White LED Drivers for Backlight and Keypad
logo
Sanken electric
BL0202B SANKEN-BL0202B Datasheet
632Kb / 26P
   High Efficiency For LED Backlight
logo
Maxim Integrated Produc...
MAX1984 MAXIM-MAX1984 Datasheet
333Kb / 17P
   Ultra-High-Efficiency White LED Drivers
19-2761; Rev 0; 1/03
logo
Sanken electric
BL0100A SANKEN-BL0100A Datasheet
449Kb / 19P
   High Efficiency For LED Backlight
BL0202C SANKEN-BL0202C Datasheet
631Kb / 26P
   High Efficiency For LED Backlight
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com