Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT2G14 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT2G14
Description  Dual inverting Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G14 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT2G14 Datasheet HTML 1Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 2Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 3Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 4Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 5Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 6Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74HC_HCT2G14_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2006
4 of 19
NXP Semiconductors
74HC2G14; 74HCT2G14
Dual inverting Schmitt trigger
10. Recommended operating conditions
11. Static characteristics
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Type 74HC2G14
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
Type 74HCT2G14
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
Table 7.
Static characteristics for 74HC2G14
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
V
IO = −4.0 mA; VCC = 4.5 V
4.18
4.32
-
V
IO = −5.2 mA; VCC = 6.0 V
5.68
5.81
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
0
0.1
V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
V
IO = 20 µA; VCC = 6.0 V
-
0
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
V
II
input leakage current
VI = GND or VCC; VCC = 6.0 V
-
-
±0.1
µA
ICC
supply current
VI = GND or VCC; IO = 0 µA;
VCC = 6.0 V
-
-
1.0
µA
CI
input capacitance
-
2.0
-
pF


Similar Part No. - 74HCT2G14

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G14 NEXPERIA-74HCT2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
logo
NXP Semiconductors
74HCT2G14GV PHILIPS-74HCT2G14GV Datasheet
71Kb / 17P
   Inverting Schmitt-triggers
2003 May 1
logo
Nexperia B.V. All right...
74HCT2G14GV NEXPERIA-74HCT2G14GV Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HCT2G14GV-Q100 NEXPERIA-74HCT2G14GV-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HCT2G14GW PHILIPS-74HCT2G14GW Datasheet
71Kb / 17P
   Inverting Schmitt-triggers
2003 May 1
More results

Similar Description - 74HCT2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT2G14 PHILIPS-74HC_HCT2G14_15 Datasheet
141Kb / 21P
   Dual inverting Schmitt trigger
Rev. 2-14 March 2014
logo
Nexperia B.V. All right...
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com