Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLN2W181MELZ40 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LLN2W181MELZ40
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLN2W181MELZ40 Datasheet(HTML) 1 Page - Nichicon corporation

  LLN2W181MELZ40 Datasheet HTML 1Page - Nichicon corporation LLN2W181MELZ40 Datasheet HTML 2Page - Nichicon corporation LLN2W181MELZ40 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CAT.8100V
After an application of DC voltage (in the range of rated
DC voltage even after over-lapping the specified ripple
current) for 2000 hours at 85°C, capacitors meet the
characteristic requirements listed at right.
After storing the capacitors under no load at 85°C
for 1000 hours, and after performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the characteristic requirements listed at right.
Capacitance change
Leakage current
tan
δ
Within ± 20% of initial value
200% or less of initial specified value
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Within ± 20% of initial value
200% or less of initial specified value
Initial specified value or less
Stability at Low Temperature
tan
δ
Endurance
– 40 ~ + 85°C (160 ~ 250V), – 25 ~ + 85°C (400 ~ 450V)
Category Temperature Range
ALUMINUM ELECTROLYTIC CAPACITORS
LN
series
Snap-in Terminal Type, Smaller-Sized
Withstanding 2000 hours application of rated ripple current at 85°C.
One rank smaller case sized than LS series.
Adapted to the RoHS directive (2002/95/EC).
Specifications
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Marking
Printed with white color letter on black sleeve.
160 ~ 450V
68 ~ 3900µF
± 20% at 120Hz, 20°C
I
(µA)(After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Measurement frequency : 120Hz
350 ~ 450
8
Z – 25°C/ Z+20°C
Rated voltage(V)
Impedance ratio
ZT/Z20 (MAX.)
160 ~ 250
4
(PC board hole dimensions)
(Terminal dimensions)
10 ±
0.1
2-2f±0.1
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
10
2
4.0±0.5
Pressure relief vent
Sleeve (P.E.T.)
Drawing
Dimension table in next page.
Type numbering system ( Example : 400V 180µF)
L
1
L
2
N
3
2
4
G
5
1
6
8
7
1
8
M
9
E
10
L
11
A
12
3
13
0
14
Configuration
Case length code
Case dia.code
Capacitance tolerane (±20%)
Rated Capacitance (180µF)
Rated voltage (400V)
Series name
Type
fD
22
25
30
Code
Z
20
Y
A
B
35
C
LS
Smaller
Smaller
LN
Item
Performance Characteristics
Shelf Life
3 CV
Minimum order quantity : 50pcs.
The other terminal is also available upon request.
Please refer to page 237 for schematic of dimensions.
Measurement frequency : 120Hz, Temperature : 20°C
Rated voltage (V)
tan
δ (MAX.)
160 ~ 400
0.15
450
0.20
LG


Similar Part No. - LLN2W181MELZ40

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
LLN8651721 HONEYWELL-ACC-LLN8651721 Datasheet
116Kb / 6P
   Solid state reliability - no moving parts
LLN8651722 HONEYWELL-ACC-LLN8651722 Datasheet
342Kb / 5P
   Fiber Optics and Liquid Level Sensors Line Guide
logo
List of Unclassifed Man...
LLNF-3T08-H ETC2-LLNF-3T08-H Datasheet
85Kb / 3P
   Superior color uniformity for white and multi-color emitters
logo
ams AG
LLNF-4T08-H AMSCO-LLNF-4T08-H Datasheet
838Kb / 8P
   High Uniformity TIR Lenses for LZC Emitter Family
Rev 1.0 10/18/2021
LLNF4T08H AMSCO-LLNF4T08H Datasheet
838Kb / 8P
   High Uniformity TIR Lenses for LZC Emitter Family
Rev 1.0 10/18/2021
More results

Similar Description - LLN2W181MELZ40

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com