Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNW2L561MSEF Datasheet(PDF) 3 Page - Nichicon corporation

Part # LNW2L561MSEF
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNW2L561MSEF Datasheet(HTML) 3 Page - Nichicon corporation

  LNW2L561MSEF Datasheet HTML 1Page - Nichicon corporation LNW2L561MSEF Datasheet HTML 2Page - Nichicon corporation LNW2L561MSEF Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CAT.8100V
100
120
180
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
35
× 50
35
× 50
35
× 80
35
× 100
35
× 120
51
× 75
51
× 85
51
× 95
63.5
× 95
51
× 115
63.5
× 115
51
× 130
63.5
× 130
63.5
× 130
76.2
× 95
76.2
× 115
76.2
× 130
76.2
× 155
76.2
× 170
90
× 130
90
× 155
0.7
0.8
1.1
1.5
1.8
1.9
2.2
2.5
2.9
3.0
3.4
3.5
4.0
4.4
4.6
5.6
6.5
7.8
9.0
8.8
10.4
0.70
0.77
0.94
1.15
1.27
1.38
1.52
1.66
1.66
1.83
1.83
2.01
2.01
2.22
2.43
2.72
2.98
3.30
3.66
3.66
4.04
LNW2L101MSEC
LNW2L121MSEC
LNW2L181MSEC
LNW2L271MSEC
LNW2L331MSEC
LNW2L391MSEF
LNW2L471MSEF
LNW2L561MSEF
LNW2L561MSEG
LNW2L681MSEF
LNW2L681MSEG
LNW2L821MSEF
LNW2L821MSEG
LNW2L102MSEG
LNW2L122MSEH
LNW2L152MSEH
LNW2L182MSEH
LNW2L222MSEH
LNW2L272MSEH
LNW2L272MSEJ
LNW2L332MSEJ
550V (2L)
Rated
ripple
(Arms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
ALUMINUM ELECTROLYTIC CAPACITORS
NW
series
Rated Ripple (Arms) at 85°C 120Hz
Dimensions
Frequency coefficient of rated ripple current
Coefficient
0.80
0.82
1.00
1.10
1.35
1.40
Frequency (Hz)
50
60
120
300
1k
10k~


Similar Part No. - LNW2L561MSEF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNW476CK4 PANASONIC-LNW476CK4 Datasheet
29Kb / 1P
   3.2 mm InGaAIP
LNW497CK4 PANASONIC-LNW497CK4 Datasheet
29Kb / 1P
   3.0 mm InGaAIP
LNW498CK4 PANASONIC-LNW498CK4 Datasheet
29Kb / 1P
   3.0 mm InGaAIP
LNW4A4CN4 PANASONIC-LNW4A4CN4 Datasheet
30Kb / 1P
   5.0 mm InGaAIP
LNW4A8YY4 PANASONIC-LNW4A8YY4 Datasheet
20Kb / 1P
   4.0 mm InGaAIP
More results

Similar Description - LNW2L561MSEF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com