Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNT2C474SEG Datasheet(PDF) 1 Page - Nichicon corporation

Part # LNT2C474SEG
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNT2C474SEG Datasheet(HTML) 1 Page - Nichicon corporation

  LNT2C474SEG Datasheet HTML 1Page - Nichicon corporation LNT2C474SEG Datasheet HTML 2Page - Nichicon corporation LNT2C474SEG Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CAT.8100V
Pressure relief vent
29±1
24
7
+
Sleeve
Bottom plate
1
Hexagenal headed bolt (M5)
L+3MAX.
15±0.5
10
B35 Screw terminal type
L
1
N
2
T
3
2
4
W
5
2
6
2
7
2
8
M
9
S
10
EG
11 12 13 14
Capacitance tolerance (±20%)
Case dia. code
Mounting bracket
(B35)
(B51~B90)
BD
Rated Capacitance (2200µF)
Rated voltage (450V)
Series name
Type
51
63.5
76.2
90
100
F
35
C
G
H
J
K
Code
Code less
BB
3-leg brackets
2-leg brackets
BN
No brackets
(B100)
Code less
BN
3-leg brackets
No brackets
Code less 2-leg brackets
BN
No brackets
Configuration
Configuration
Cr (111) Plating
(RoHS compliant)
Cr (81) Plating
SE
SM
Resin bushing available upon request.
ALUMINUM ELECTROLYTIC CAPACITORS
NT
series
Screw Terminal Type, Wide Temperature Range
Load life of 5,000 hours (2,000 hours for 10~250V,500V) application
of rated ripple current at +105°C.
Extended voltage range from 10V up to 500V.
Extended range up to
φ100 × 250L 2size.
Available for adapted to the RoHS directive (2002/95/EC).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ (MAX)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
40 ~ +105°C (10~100V) , 25 ~ +105°C (160~500V)
10 ~ 500V
220 ~ 1500000µF
± 20% at 120Hz, 20°C
After 5 minutes’ application of rated voltage, leakage current is not more than
(µA) or 5mA, whichever is smaller. (at 20°C) [C:Rated Capacitance (µF) , V:Voltage(V)]
Printed with white color letter on black sleeve.
Measurement frequency:120Hz, Temperature:20°C
After an application of DC voltage (in the range of rated
DC voltage even after over-lapping the specified ripple
current) for 5000 hours (2000 hours for 10~250V,500V)
at 105°C, capacitors meet the characteristic requirements
listed at right.
After storing the capacitors under no load at 105°C
for 1000 hours, and after performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the requirements listed at right.
Type numbering system
Voltage 250V or less (Example : 250V 3300µF)
Voltage 350V or more (Example : 450V 2200µF)
NT
NR
Measurement frequency : 120Hz
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage(V)
Impedance ratio
ZT/Z20(MAX.)
10~100
12
160~500
8
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
300% or less of initial specified value
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
300% or less of initial specified value
High
Te mperature
35
51
63.5
76.2
90
100
φD
10
0.65
0.9
0.85
1.2
2.0
2.0
2.4
2.4
16
0.45
0.6
0.6
0.8
1.2
1.2
2.0
2.0
25
0.4
0.5
0.5
0.65
0.7
0.9
0.9
1.5
1.5
35
0.3
0.4
0.4
0.5
0.7
0.7
1.0
1.0
50
0.25
0.25
0.3
0.35
0.35
0.55
0.55
0.75
0.75
63
0.25
0.25
0.3
0.3
0.5
0.5
0.6
0.6
80
0.2
0.2
0.25
0.3
0.35
0.4
0.4
100
0.12
0.15
0.2
0.3
0.3
0.3
0.3
160~250
0.15
0.15
0.2
0.2
0.2
0.25
0.25
250~500
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
80~100
80~100
120
100
110~130
100
120~150
140~220
220 ,250
V
L
Drawing
L
1
N
2
T
3
2
4
E
5
3
6
3
7
2
8
12
M
9
S
10
E
11
Mounting bracket
Capacitance tolerance (±20%)
Rated Capacitance (3300µF)
Rated voltage (250V)
Series name
Type
(B35)
(B51~B100)
Code less
B
3-leg brackets
2-leg brackets
N
No brackets
Code less 2-leg brackets
N
No brackets
Configuration
3 CV
Dimension table in next page.
Please contact to us if PVC less products are required.


Similar Part No. - LNT2C474SEG

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LNT2C472MSE NICHICON-LNT2C472MSE Datasheet
86Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LNT2C473MSE NICHICON-LNT2C473MSE Datasheet
86Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LNT2C474SEG

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com