Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC912XDP512J1VAG Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # PC912XDP512J1VAG
Description  Covers, S12XD, S12XB & S12XA Families
Download  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512J1VAG Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512J1VAG Datasheet HTML 73Page - Freescale Semiconductor, Inc PC912XDP512J1VAG Datasheet HTML 74Page - Freescale Semiconductor, Inc PC912XDP512J1VAG Datasheet HTML 75Page - Freescale Semiconductor, Inc PC912XDP512J1VAG Datasheet HTML 76Page - Freescale Semiconductor, Inc PC912XDP512J1VAG Datasheet HTML 77Page - Freescale Semiconductor, Inc PC912XDP512J1VAG Datasheet HTML 78Page - Freescale Semiconductor, Inc PC912XDP512J1VAG Datasheet HTML 79Page - Freescale Semiconductor, Inc PC912XDP512J1VAG Datasheet HTML 80Page - Freescale Semiconductor, Inc PC912XDP512J1VAG Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
77
1.8
ATD0 External Trigger Input Connection
The ATD_10B8C module includes four external trigger inputs ETRIG0, ETRIG1, ETRIG, and ETRIG3.
The external trigger allows the user to synchronize ATD conversion to external trigger events. Table 1-15
shows the connection of the external trigger inputs on MC9S12XDP512.
See Section Chapter 5, “Analog-to-Digital Converter (S12ATD10B8CV3) for information about the
analog-to-digital converter module. When this section refers to freeze mode this is equivalent to active
BDM mode.
1.9
ATD1 External Trigger Input Connection
The ATD_10B16C module includes four external trigger inputs ETRIG0, ETRIG1, ETRIG, and ETRIG3.
The external trigger feature allows the user to synchronize ATD conversion to external trigger events.
Table 1-16 shows the connection of the external trigger inputs on MC9S12XDP512.
See Section Chapter 4, “Analog-to-Digital Converter (ATD10B16CV4) Block Description for information
about the analog-to-digital converter module. When this section refers to freeze mode this is equivalent to
active BDM mode.
Table 1-15. ATD0 External Trigger Sources
External Trigger
Input
Connected to . .
ETRIG0
Pulse width modulator channel 1
ETRIG1
Pulse width modulator channel 3
ETRIG2
Periodic interrupt timer hardware trigger0
PITTRIG[0].
ETRIG3
Periodic interrupt timer hardware trigger1
PITTRIG[1].
Table 1-16. ATD1 External Trigger Sources
External Trigger
Input
Connected to . .
ETRIG0
Pulse width modulator channel 1
ETRIG1
Pulse width modulator channel 3
ETRIG2
Periodic interrupt timer hardware trigger0
PITTRIG[0].
ETRIG3
Periodic interrupt timer hardware trigger1
PITTRIG[1].


Similar Part No. - PC912XDP512J1VAG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC912XDP512J1VAGR FREESCALE-PC912XDP512J1VAGR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
More results

Similar Description - PC912XDP512J1VAG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XDG128CAL FREESCALE-MC9S12XDG128CAL Datasheet
7Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
631441 FREESCALE-631441 Datasheet
7Mb / 1348P
   Covers S12XD, S12XB and S12XA Families
MC9S12XDP512 FREESCALE-MC9S12XDP512 Datasheet
4Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
MC9S12XDT512CAA FREESCALE-MC9S12XDT512CAA Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDP512CAG FREESCALE-MC9S12XDP512CAG Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDT256MAA FREESCALE-MC9S12XDT256MAA Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet Covers S12XD, S12XB & S12XA Families
MC9S12XDT256MAL FREESCALE-MC9S12XDT256MAL Datasheet
7Mb / 1348P
   This documentation covers all devices in the S12XD, S12XB and S12XA families.
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com