Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMA0J221MCD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UMA0J221MCD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UMA0J221MCD Datasheet(HTML) 1 Page - Nichicon corporation

  UMA0J221MCD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U
1
M
2
A
3
1
4
E
5
1
6
0
7
0
8
M
9
D
10
D
11 12
Configuration
2
Size code
Capacitance tolerance (± 20%)
Rated capacitance (10mF)
Rated voltage (25V)
Series name
Type
2 In case at f 3 units, put 2 as size code.
f D
3
Pb-free leadwire
Pb-free PET sleeve
CD
4~8
DD
f D
3
Code
2
4~8
Ñ
(f3: P±0.3 )
f D
P
f d
3
1.0
0.4
4
1.5
0.45
5
2.0
0.45
6.3
2.5
0.45
8
2.5
0.45
L+1MAX
15MIN
4MIN
Sleeve (P.E.T.)
f d
1 Configuration
1
(mm)
ALUMINUM ELECTROLYTIC CAPACITORS
MA
series
5mmL, Standard, For General Purposes
Standard series with 5mm height.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Dimensions
Type numbering system (Example : 25V 10
µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Rated Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
4 ~ 50V
0.1 ~ 470µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3(
µA), whichever is greater.
Printed with white color letter on black sleeve.
Figures in (
) are for
MR series.
Measurement frequency : 120Hz
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Rated voltage (V)
tan
δ (MAX.)
4
0.35
6.3
0.24 (0.30)
10
0.20 (0.24)
16
0.16 (0.20)
25
0.14 (0.18)
35
0.12 (0.16)
50
0.10 (0.13)
MA
MT
Long Life
MJ
MV
MF
Z
25°C / Z+20°C
Z
40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
4
7
15
6.3
4
8
10
3
6
16
2
4
25
2
4
35
2
3
50
2
3
Rated Ripple (mArms) at 85°C 120Hz
(
) =
φ3 units and MR series.
Size
φ3 × 5 is available for capacitors marked. " "/ Size φ5 × 5 is available for capacitors marked. " "
Size
φ6.3 × 5 is available for capacitors marked. " " In such a case,
will be put at 2nd and 3rd digit of type numbering system.
R
M
Measurement frequency : 120Hz, Temperature : 20°C
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
0.3
× 5
0.4
× 5
0.4
× 5
0.5
× 5
6.3
× 5
0.8
× 5
0.8
× 5
19
28
33
56
96
145
185
0G
4
0.3
× 5
0.4
× 5
0.5
× 5
0.5
× 5
6.3
× 5
0.8
× 5
0.8
× 5
15
28(21)
37
45
70(68)
110(90)
170
0J
6.3
0.5
× 5
0.5
× 5
6.3
× 5
0.8
× 5
0.8
× 5
33
41
52(43)
80(76)
135
1A
10
0.3
× 5
0.4
× 5
0.5
× 5
6.3
× 5
6.3
× 5
0.8
× 5
10
23(18)
37
49(43)
58
92(86)
1C
16
0.3
× 5
0.4
× 5
0.5
× 5
6.3
× 5
6.3
× 5
0.8
× 5
0.8
× 5
10
16(12)
27
42
52
70(62)
110
1E
25
0.3
× 5
0.4
× 5
0.4
× 5
0.5
× 5
6.3
× 5
0.8
× 5
0.8
× 5
8.4
15(10)
18
29
46
62(52)
80
1V
35
4
× 5(3 × 5)
4
× 5(3 × 5)
4
× 5(3 × 5)
4
× 5(3 × 5)
4
× 5(3 × 5)
0.4
× 5
0.4
× 5
0.5
× 5
6.3
× 5
0.8
× 5
0.8
× 5
1.0(1.0)
2.0(2.0)
2.8(2.8)
4.0(4.0)
8.4(8.0)
13(10)
17
20
33
52(48)
71
1H
50
Rated
ripple
Case size
φD×L (mm)
Cap.(
µF)
Code
V
High
Te mperature
After 2000 hours' application of rated voltage
at 85°C, capacitors meet the characteristic
requirements listed at right.
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value (MR series &
φ 3 product : Within ±25%)
200% or less of initial specified value
Initial specified value or less
Low
Impedance
Smaller
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz ~
0.70
1.00
1.17
1.36
1.50
Low
Leakage
Current
ML
• Please refer to page 21 about the end seal configulation.
CAT.8100V


Similar Part No. - UMA0J221MCD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204 Datasheet
109Kb / 8P
   Ultra Precision MELF Resistor
Revision: 25-Feb-04
UMA0204 VISHAY-UMA0204 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
More results

Similar Description - UMA0J221MCD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com