Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLN2G221MELB25 Datasheet(PDF) 3 Page - Nichicon corporation

Part # LLN2G221MELB25
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLN2G221MELB25 Datasheet(HTML) 3 Page - Nichicon corporation

  LLN2G221MELB25 Datasheet HTML 1Page - Nichicon corporation LLN2G221MELB25 Datasheet HTML 2Page - Nichicon corporation LLN2G221MELB25 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CAT.8100V
LN
series
ALUMINUM ELECTROLYTIC CAPACITORS
68
82
100
120
150
180
220
270
330
390
470
560
680
20
× 25
20
× 25
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 40
35
× 45
35
× 50
660
830
930
930
1040
1040
1040
1290
1290
1290
1400
1400
1400
1660
1660
1660
1810
1810
1810
1810
2100
2100
2100
2320
2320
2660
2660
2820
3000
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.52
0.57
0.63
0.63
0.69
0.69
0.69
0.77
0.77
0.77
0.85
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.04
1.15
1.15
1.15
1.25
1.25
1.37
1.37
1.50
1.65
LLN2W680MELY25
LLN2W820MELY25
LLN2W101MELY30
LLN2W101MELZ25
LLN2W121MELY35
LLN2W121MELZ30
LLN2W121MELA25
LLN2W151MELY40
LLN2W151MELZ35
LLN2W151MELA30
LLN2W181MELZ40
LLN2W181MELA30
LLN2W181MELB25
LLN2W221MELZ45
LLN2W221MELA35
LLN2W221MELB30
LLN2W271MELZ50
LLN2W271MELA40
LLN2W271MELB30
LLN2W271MELC25
LLN2W331MELA50
LLN2W331MELB35
LLN2W331MELC30
LLN2W391MELB40
LLN2W391MELC35
LLN2W471MELB45
LLN2W471MELC40
LLN2W561MELC45
LLN2W681MELC50
450V (2W)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Frequency coefficient of rated ripple current
Frequency (Hz)
160~250V
400~450V
50
60
120
300
1k
10k
50k~
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
Dimensions
Rated Ripple (mArms) at 85°C 120Hz


Similar Part No. - LLN2G221MELB25

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
LLN8651721 HONEYWELL-ACC-LLN8651721 Datasheet
116Kb / 6P
   Solid state reliability - no moving parts
LLN8651722 HONEYWELL-ACC-LLN8651722 Datasheet
342Kb / 5P
   Fiber Optics and Liquid Level Sensors Line Guide
logo
List of Unclassifed Man...
LLNF-3T08-H ETC2-LLNF-3T08-H Datasheet
85Kb / 3P
   Superior color uniformity for white and multi-color emitters
logo
ams AG
LLNF-4T08-H AMSCO-LLNF-4T08-H Datasheet
838Kb / 8P
   High Uniformity TIR Lenses for LZC Emitter Family
Rev 1.0 10/18/2021
LLNF4T08H AMSCO-LLNF4T08H Datasheet
838Kb / 8P
   High Uniformity TIR Lenses for LZC Emitter Family
Rev 1.0 10/18/2021
More results

Similar Description - LLN2G221MELB25

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com