Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1724 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1724
Description  Integrated Circuit Audio Power Amplifier, 20W
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1724 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (VCC = ±22V, AV = 40dB, RL = 8Ω, TG = 600Ω, TA = +25°C
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Open Loop Voltage Gain
AVO
PO = 0.3W, f = 1kHz
65
75
dB
Total Harmonic Distortion
THD
PO = 10W, f = 20Hz to 20kHz
0.1
0.3
%
Output Noise Voltage
NV
RG = 2.2kΩ, No Filter
0.4
1.0
mV
Power Band Width
PBW
PO = 0.3W, −3dB
250
kHz
Supply Voltage Rejection Ratio
SVR
RG = 2.2kΩ fripple = 100Hz
50
56
dB
Pin Connection Diagram
(Front View)
110
.052 (1.3) R
1.260 (32.0) Max
.945 (24.0)
.030 (.762)
.001 (.025)
.107 (2.7)
.100 (2.54)
.240 (6.1)
Min
.591
(15.0)
Max
.512
(13.0))
(+) VCC
(−) VCC
Muting
Phase Compensation
NFB
N.C.
Output
Phase Compensation
Input
GND
9
8
7
6
5
4
3
2
1
10


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn