Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNT2A104SEG Datasheet(PDF) 3 Page - Nichicon corporation

Part # LNT2A104SEG
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNT2A104SEG Datasheet(HTML) 3 Page - Nichicon corporation

  LNT2A104SEG Datasheet HTML 1Page - Nichicon corporation LNT2A104SEG Datasheet HTML 2Page - Nichicon corporation LNT2A104SEG Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CAT.8100V
450V (2W)
500V (2H)
550V
Frequency coefficient of rated ripple current
10~100V
160~250V
350~500V
60
0.90
0.88
0.82
120
1.00
1.00
1.00
360
1.08
1.08
1.20
1k
1.15
1.15
1.35
10k~
1.15
1.20
1.40
Coeff.
Frequency (Hz)
ALUMINUM ELECTROLYTIC CAPACITORS
NT
series
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
100000
150000
220000
330000
470000
222
332
472
682
103
153
223
333
473
683
104
154
224
334
474
Cap.(µF)
Code
Case size
φD×L (mm)
Rated ripple
Case size
φD×L (mm)
Rated ripple
Case size
φD×L (mm)
Case size
φD×L (mm)
Rated ripple
Rated ripple
Surge
V(Code)
35
× 80
35
× 100
51
× 80
51
× 120
63.5
× 100
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
63V
50V (1H)
4.9
5.5
6.3
8.0
9.9
12.8
16.8
19.5
22.0
24.3
26.1
35
× 100
51
× 80
51
× 100
63.5
× 100
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
5.0
5.9
6.9
9.4
11.2
13.5
17.8
21.0
23.7
26.1
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
76.2
× 100
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
35
× 80
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
76.2
× 100
76.2
× 140
90
× 140
90
× 170
90
× 220
100
× 220
3.5
3.9
5.4
6.4
8.4
9.9
13.4
17.0
18.6
21.6
24.8
2.4
3.3
3.8
5.2
6.7
7.8
9.9
12.7
17.0
18.2
20.6
23.4
79V
63V (1J)
80V (1K)
100V (2A)
100V
125V
680
1000
1500
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
681
102
152
222
332
472
682
103
153
223
333
473
683
Cap.(µF)
Code
Case size
φD×L (mm)
Rated ripple
Case size
φD×L (mm)
Rated ripple
Case size
φD×L (mm)
Rated ripple
Surge
V(Code)
35
× 80
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
63.5
× 120
76.2
× 120
76.2
× 140
90
× 140
90
× 220
100
× 250
200V
160V (2C)
1.6
2.1
2.7
3.8
4.5
6.8
7.8
9.8
12.5
13.4
17.2
19.2
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
63.5
× 120
76.2
× 120
76.2
× 140
90
× 140
90
× 220
90
× 250
1.7
2.3
2.9
3.9
5.1
7.0
8.2
10.4
15.1
16.6
19.9
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
1.4
1.9
2.4
3.2
4.3
5.9
7.1
9.6
12.7
15.4
17.0
250V
200V (2D)
250V (2E)
300V
220
330
470
680
1000
1500
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
22000
221
331
471
681
102
152
222
272
332
392
472
562
682
822
103
123
153
223
Cap.(µF)
Code
Case size
φD×L (mm)
Rated ripple
Case size
φD×L (mm)
Rated ripple
Case size
φD×L (mm)
Rated ripple
Surge
V(Code)
35
× 80
35
× 80
51
× 80
51
× 80
51
× 100
51
× 120
63.5
× 100
63.5
× 110
63.5
× 130
63.5
× 150
76.2
× 120
63.5
× 170
76.2
× 130
76.2
× 150
76.2
× 170
90
× 150
90
× 150
90
× 190
90
× 220
100
× 250
400V
350V (2V)
2.1
2.8
4.1
6.5
8.6
11.0
12.7
14.4
16.8
19.8
19.7
22.7
22.2
26.2
30.3
29.3
32.4
36.0
42.9
48.0
35
× 80
35
× 80
35
× 100
51
× 80
51
× 80
51
× 120
63.5
× 100
63.5
× 110
63.5
× 130
63.5
× 150
76.2
× 110
63.5
× 170
76.2
× 130
76.2
× 150
76.2
× 170
90
× 150
90
× 170
90
× 190
90
× 220
100
× 220
1.6
2.3
3.1
4.2
6.6
9.1
11.5
13.1
15.4
17.9
18.2
20.7
20.3
23.7
27.6
26.9
31.0
32.9
38.3
44.5
35
× 80
35
× 100
51
× 80
51
× 100
51
× 100
51
× 120
63.5
× 110
63.5
× 130
76.2
× 110
63.5
× 150
76.2
× 130
63.5
× 170
76.2
× 150
76.2
× 190
90
× 150
90
× 170
90
× 190
90
× 220
90
× 230
90
× 250
1.8
2.4
3.4
4.4
7.0
9.2
11.8
13.8
14.5
16.5
17.1
18.3
21.7
26.4
24.1
28.3
32.5
35.1
39.2
45.6
450V
400V (2G)
500V
Rated Ripple (Arms) at 105°C 120Hz
Case size
φD×L (mm)
Rated ripple
51
× 80
51
× 80
51
× 100
51
× 120
63.5
× 110
63.5
× 130
63.5
× 150
76.2
× 130
63.5
× 170
76.2
× 150
76.2
× 150
76.2
× 190
90
× 150
90
× 150
90
× 170
90
× 220
90
× 250
2.7
3.2
4.2
5.5
7.1
9.3
11.0
11.0
12.9
13.0
14.1
17.2
16.3
17.8
20.7
25.5
29.9
Dimensions


Similar Part No. - LNT2A104SEG

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LNT2A104MSE NICHICON-LNT2A104MSE Datasheet
86Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LNT2A104SEG

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com