Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLE0G122MDO1 Datasheet(PDF) 2 Page - Nichicon corporation

Part # PLE0G122MDO1
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLE0G122MDO1 Datasheet(HTML) 2 Page - Nichicon corporation

  PLE0G122MDO1 Datasheet HTML 1Page - Nichicon corporation PLE0G122MDO1 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
series
LE
CONDUCTIVE POLYMER
ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Rated Voltage
(V)
Rated Capacitance
(
µF)
Leakage Current
(
µA)
Case Size
φD × L
(mm)
2.5
6.3
4
560
820
820
1000
1500
560
680
820
1200
470
680
820
280
410
410
500
750
448
544
656
960
592
857
1033
5
5
5
5
5
5
5
5
5
5
5
5
6000
6300
6600
7100
7300
6000
6500
7000
7200
6400
6700
6800
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
8
× 9
8
× 9
8
× 12
10
× 13
10
× 13
8
× 9
8
× 12
10
× 13
10
× 13
8
× 12
10
× 13
10
× 13
L+0.5MAX
15MIN
4MIN
Laminated Case
Silvered lead Wire
φd
Capacitance
Series
Lot. No.
Voltage (g:4V)
P
1
L
2
E
3
0
4
G
5
6
6
8
7
1
8
M
9
D
10
O
11
1
12
T
13
D
14
Capacitance tolerance (±20
%)
Rated Capacitance (680
µF)
Rated voltage (4V)
Series name
Configuration
Size code
Secondary code
Type
Dimensions
Type numbering system (Example : 4V 680
µF)
Standard ratings
ESR
(m
Ω)
(20˚C / 100kHz)
Rated ripple
(mArms)
(105˚C / 100kHz)
φD
L
P
φd
8.0
φ8 × 9L
φ8 × 12L
8.5
3.5
0.6
8.0
11.5
3.5
0.6
Size
φ10 × 13L
10.0
12.5
5.0
0.6
(mm)
tan
δ
Code
Design, Specifications are subject to change without notice.
: In this case, 6 will be put at 12th digit of type numbering system.
Configuration
Printed in Japan T.2006.I.1C
φD × L
Code
8
× 9
CO
8
× 12
DO
10
× 13
DO
V
Code
2.5
e
4
g
Voltage
6.3
j
PLE0E561MCO1
PLE0E821MCO6
PLE0E821MDO1
PLE0E102MDO1
PLE0E152MDO1
PLE0G561MCO1
PLE0G681MDO1
PLE0G821MDO1
PLE0G122MDO1
PLE0J471MDO1
PLE0J681MDO1
PLE0J821MDO1


Similar Part No. - PLE0G122MDO1

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PLE0G122MDO1 NICHICON-PLE0G122MDO1 Datasheet
890Kb / 2P
   Radial Lead Type, Ultra-low ESR
More results

Similar Description - PLE0G122MDO1

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ330MR15 RUBYCON-2.5SWZ330MR15 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com