Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEP1N472MDD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UEP1N472MDD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UEP1N472MDD Datasheet(HTML) 1 Page - Nichicon corporation

  UEP1N472MDD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U
1
E
2
P
3
1
4
A
5
4
6
7
7
0
8
M
9
D
10
D
11
Configuration
Capacitance tolerance (±20%)
Rated Capacitance (47mF)
Rated voltage (10V)
Series name
Type
fD
P
fd
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
(L < 20) 1.5
(L 20) 2.0
f D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8á 10
PD
12.5 ~ 18
HD
Configuration
(mm)
(f6.3up)
15MIN
4MIN
Sleeve (P.E.T.)
Pressure
relief vent
fd
L+ MAX
ALUMINUM ELECTROLYTIC CAPACITORS
EP
series
Bi-Polarized, Wide Temperature Range
1 ~ 2 ranks smaller than ET series.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Type numbering system (Example : 10V 47µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~ +105°C
6.3 ~ 100V
0.47 ~ 6800µF
± 20% at 120Hz, 20°C
After 5 minutes' application of rated voltage, leakage current is not more than 0.03CV or 3 (µA), whichever is greater.
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 1000 hours' application of rated voltage at 105°C, with the
polarity inverted every 250 hours, capacitors meet the
characteristic requirements listed at right.
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
EP
ET
Rated voltage (V)
tan
δ (MAX.)
6.3
0.24
10
0.24
16
0.20
25
0.20
35
0.16
50
0.14
63
0.12
100
0.10
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
4
10
10
3
8
16
2
6
25
2
4
35
2
3
50
2
3
63
2
3
100
2
3
Smaller
Leakage current
tan
δ
Capacitance change
Within ±25% of initial value (6.3~16V)
Within ±20% of initial value (25~100V)
150% or less of initial specified value
Initial specified value or less
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 16
12.5
× 20
12.5
× 20
16
× 25
18
× 35.5
37
45
54
90
150
240
290
510
910
1200
1520
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
8
12
20
25
30
50
97
140
170
300
510
Rated
ripple
20
24
40
68
98
130
225
405
535
680
7
10
15
18
22
37
63
77
105
190
340
460
590
21
30
51
72
86
160
290
350
465
805
27
40
49
67
110
195
265
345
605
1070
1400
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 16
10
× 16
12.5
× 20
16
× 25
16
× 31.5
18
× 35.5
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
Dimensions
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
682
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
45
54
90
150
185
260
460
820
1110
1430
1830
0J
Rated Ripple (mArms) at 105°C 120Hz
6.3
1A
10
1C
16
1E
25
1V
35
1H
50
1J
2A
63
100
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
16
× 31.5
18
× 35.5
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 16
12.5
× 20
12.5
× 20
12.5
× 25
16
× 31.5
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 31.5
18
× 35.5
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 16
12.5
× 20
12.5
× 20
16
× 25
18
× 35.5
27
46
56
67
110
215
320
380
670
1140
Case size
φD×L (mm)
V
Code
Cap. (µF)
• Please refer to page 21 about the end seal configulation.
CAT.8100V


Similar Part No. - UEP1N472MDD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UEP1E100MDD NICHICON-UEP1E100MDD Datasheet
69Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UEP1N472MDD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com