Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLG2Z152MELA45 Datasheet(PDF) 3 Page - Nichicon corporation

Part # LLG2Z152MELA45
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLG2Z152MELA45 Datasheet(HTML) 3 Page - Nichicon corporation

  LLG2Z152MELA45 Datasheet HTML 1Page - Nichicon corporation LLG2Z152MELA45 Datasheet HTML 2Page - Nichicon corporation LLG2Z152MELA45 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CAT.8100V
LG
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
150
180
220
270
330
390
470
560
680
820
1000
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 35
35
× 40
35
× 50
1030
1160
1160
1400
1400
1500
1500
1700
1700
1700
1900
1900
1900
1900
2130
2130
2130
2390
2390
2690
2690
2960
3300
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.73
0.80
0.80
0.88
0.88
0.98
0.98
1.08
1.08
1.08
1.18
1.18
1.18
1.18
1.30
1.30
1.30
1.41
1.41
1.56
1.56
1.71
1.89
LLG2G151MELZ25
LLG2G181MELZ30
LLG2G181MELA25
LLG2G221MELZ35
LLG2G221MELA30
LLG2G271MELZ40
LLG2G271MELA35
LLG2G331MELZ45
LLG2G331MELA35
LLG2G331MELB30
LLG2G391MELZ50
LLG2G391MELA40
LLG2G391MELB30
LLG2G391MELC25
LLG2G471MELA50
LLG2G471MELB35
LLG2G471MELC30
LLG2G561MELB40
LLG2G561MELC35
LLG2G681MELB45
LLG2G681MELC35
LLG2G821MELC40
LLG2G102MELC50
400V (2G)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
120
150
180
220
270
330
390
470
560
680
820
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
930
1040
1040
1300
1300
1400
1500
1400
1660
1800
1800
1950
1950
1950
2100
2100
2100
2320
2320
2660
2660
2820
3000
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.69
0.77
0.77
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.15
1.15
1.15
1.25
1.25
1.25
1.37
1.37
1.50
1.50
1.65
1.82
LLG2W121MELZ25
LLG2W151MELZ30
LLG2W151MELA25
LLG2W181MELZ35
LLG2W181MELA30
LLG2W221MELZ40
LLG2W221MELA35
LLG2W221MELB25
LLG2W271MELZ45
LLG2W271MELA40
LLG2W271MELB30
LLG2W331MELA45
LLG2W331MELB35
LLG2W331MELC30
LLG2W391MELA50
LLG2W391MELB35
LLG2W391MELC30
LLG2W471MELB40
LLG2W471MELC35
LLG2W561MELB50
LLG2W561MELC40
LLG2W681MELC45
LLG2W821MELC50
450V (2W)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated Ripple (mArms) at 85°C 120Hz
Frequency coefficient of rated ripple current
Frequency (Hz)
160~250V
400~450V
50
60
120
300
1k
10k
50k~
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43


Similar Part No. - LLG2Z152MELA45

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LLG660P10A60II BANNER-LLG660P10A60II Datasheet
495Kb / 5P
   Laser Line Generator
logo
ON Semiconductor
LLGA12 ONSEMI-LLGA12 Datasheet
32Kb / 2P
   CASE 513AD??1 ISSUE A
February, 2007 ??Rev. 01A
More results

Similar Description - LLG2Z152MELA45

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com