Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F921A225MPA Datasheet(PDF) 2 Page - Nichicon corporation

Part # F921A225MPA
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F921A225MPA Datasheet(HTML) 2 Page - Nichicon corporation

  F921A225MPA Datasheet HTML 1Page - Nichicon corporation F921A225MPA Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
*1 :
∆C/C
Item
P Case (%)
A , B Case(%)
Damp Heat
±20
±10
Tempereature cycles
±10
± 5
Resistance soldering heat
±10
± 5
Surge
±10
± 5
Endurance
±10
±10
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F92
Standard ratings
22
P
F920E226MPA
0.6
20
4.0
22
A
F920E226MAA
0.6
12
2.8
33
P
F920E336MPA
0.8
20
4.0
33
A
F920E336MAA
0.8
12
2.8
47
B
F920E476MBA
1.2
12
1.7
68
B
F920E686MBA
1.7
12
1.5
100
B
F920E107MBA
2.5
18
1.3
150
B
F920E157MBA
3.8
20
1.0
± 15
2.2
P
F920G225MPA
0.5
8
12.0
3.3
P
F920G335MPA
0.5
8
12.0
4.7
P
F920G475MPA
0.5
8
6.0
4.7
A
F920G475MAA
0.5
6
4.0
6.8
P
F920G685MPA
0.5
10
6.0
10
P
F920G106MPA
0.5
10
6.0
10
A
F920G106MAA
0.5
8
4.0
15
P
F920G156MPA
0.6
10
5.0
22
P
F920G226MPA
0.9
20
5.0
22
A
F920G226MAA
0.9
12
2.8
33
P
F920G336MPA
1.3
20
4.0
33
A
F920G336MAA
1.3
12
2.8
47
A
F920G476MAA
1.9
18
2.8
47
B
F920G476MBA
1.9
12
1.7
68
A
F920G686MAA
2.7
25
2.8
± 15
68
B
F920G686MBA
2.7
18
1.5
100
B
F920G107MBA
4.0
18
1.3
150
B
F920G157MBA
6.0
25
1.3
± 15
1
P
F920J105MPA
0.5
8
12.0
1.5
P
F920J155MPA
0.5
8
12.0
2.2
P
F920J225MPA
0.5
8
12.0
3.3
P
F920J335MPA
0.5
8
12.0
4.7
P
F920J475MPA
0.5
8
6.0
4.7
A
F920J475MAA
0.5
6
4.0
6.8
P
F920J685MPA
0.5
10
6.0
10
P
F920J106MPA
0.6
10
6.0
10
A
F920J106MAA
0.6
8
4.0
15
P
F920J156MPA
0.9
10
6.0
15
A
F920J156MAA
0.9
8
4.0
22
P
F920J226MPA
1.4
20
5.0
22
A
F920J226MAA
1.4
12
2.8
22
B
F920J226MBA
1.4
8
1.9
33
A
F920J336MAA
2.1
12
2.8
33
B
F920J336MBA
2.1
12
1.7
47
A
F920J476MAA
3.0
18
2.8
± 15
47
B
F920J476MBA
3.0
12
1.7
100
B
F920J107MBA
6.3
20
1.3
± 15
2.5V
4V
6.3
V
1
P
F921A105MPA
0.5
8
12.0
1.5
P
F921A155MPA
0.5
8
12.0
1.5
A
F921A155MAA
0.5
6
7.4
2.2
P
F921A225MPA
0.5
8
12.0
2.2
A
F921A225MAA
0.5
6
7.0
3.3
P
F921A335MPA
0.5
8
12.0
3.3
A
F921A335MAA
0.5
6
7.0
4.7
P
F921A475MPA
0.5
8
6.0
4.7
A
F921A475MAA
0.5
6
4.0
6.8
P
F921A685MPA
0.7
8
6.0
6.8
A
F921A685MAA
0.7
6
4.0
10
P
F921A106MPA
1.0
14
6.0
10
A
F921A106MAA
1.0
8
4.0
10
B
F921A106MBA
1.0
6
2.0
15
A
F921A156MAA
1.5
8
4.0
22
A
F921A226MAA
2.2
14
4.0
± 15
22
B
F921A226MBA
2.2
8
1.9
33
B
F921A336MBA
3.3
12
1.9
0.47
P
F921C474MPA
0.5
8
20.0
0.68
P
F921C684MPA
0.5
8
12.0
1
P
F921C105MPA
0.5
8
12.0
1
A
F921C105MAA
0.5
4
10.0
1.5
P
F921C155MPA
0.5
8
12.0
1.5
A
F921C155MAA
0.5
6
7.4
2.2
P
F921C225MPA
0.5
8
12.0
2.2
A
F921C225MAA
0.5
6
7.0
3.3
A
F921C335MAA
0.5
6
7.0
4.7
A
F921C475MAA
0.8
6
7.0
4.7
B
F921C475MBA
0.8
6
3.0
6.8
B
F921C685MBA
1.1
6
3.0
10
A
F921C106MAA
1.6
8
7.0
±15
10
B
F921C106MBA
1.6
6
2.0
22
B
F921C226MBA
3.5
12
2.0
±15
0.22
P
F921D224MPA
0.5
8
20.0
0.33
P
F921D334MPA
0.5
8
20.0
0.47
P
F921D474MPA
0.5
8
20.0
0.47
A
F921D474MAA
0.5
4
10.0
0.68
A
F921D684MAA
0.5
4
10.0
1
P
F921D105MPA
0.5
8
20.0
1
A
F921D105MAA
0.5
4
10.0
1.5
A
F921D155MAA
0.5
6
7.4
2.2
A
F921D225MAA
0.5
6
7.0
2.2
B
F921D225MBA
0.5
6
3.0
3.3
B
F921D335MBA
0.7
6
3.0
4.7
B
F921D475MBA
0.9
6
3.0
0.47
A
F921E474MAA
0.5
4
10.0
0.68
B
F921E684MBA
0.5
4
4.0
1
P
F921E105MPA
0.5
8
20.0
1
A
F921E105MAA
0.5
6
10.0
1
B
F921E105MBA
0.5
4
4.0
2.2
A
F921E225MAA
0.6
8
10.0
± 15
2.2
B
F921E225MBA
0.6
6
4.0
4.7
B
F921E475MBA
1.2
6
3.0
0.22
A
F921V224MAA
0.5
4
10.0
0.33
A
F921V334MAA
0.5
4
10.0
0.47
A
F921V474MAA
0.5
4
10.0
0.68
B
F921V684MBA
0.5
4
4.0
1
A
F921V105MAA
0.5
6
10.0
2.2
B
F921V225MBA
0.8
6
4.0
± 10
10V
16V
20V
25V
35V
Part Number
Case
code
Rated Volt
Rated
Capacitance
(µF)
Part Number
Leakage
Current
(µA)
Disspation
Factor
(%@120Hz)
Case
code
ESR
(
@100kHz)
*1
∆C/C
(%)
Rated Volt
Rated
Capacitance
(µF)
Part Number
Leakage
Current
(µA)
Disspation
Factor
(%@120Hz)
Case
code
ESR
(
@100kHz)
*1
∆C/C
(%)
Rated Volt
Rated
Capacitance
(µF)


Similar Part No. - F921A225MPA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F921A225MPA NICHICON-F921A225MPA Datasheet
62Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F921A225MPA NICHICON-F921A225MPA Datasheet
50Kb / 3P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F921A225MPA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com