Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLF0E102MDO1 Datasheet(PDF) 1 Page - Nichicon corporation

Part # PLF0E102MDO1
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLF0E102MDO1 Datasheet(HTML) 1 Page - Nichicon corporation

  PLF0E102MDO1 Datasheet HTML 1Page - Nichicon corporation PLF0E102MDO1 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
LF
series
Specifications
Characteristics of Temperature
Impedance Ratio
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
tan
δ
ESR (1)
Leakage Current (
2)
Performance Characteristics
Item
– 55 ~ +105°C
2.5 ~ 16V
270 ~ 1000µF
± 20% at 120Hz, 20°C
Not more than value of Standard ratings at 120Hz, 20°C
Not more than value of Standard ratings at 100kHz, 20°C
Not more than value of Standard ratings.
After 2 minute's application of rated voltage.
20°C
Z+105°C / Z+20°C
1.25
(100kHz)
Z
– 55°C / Z+20°C
1.25
Endurance
Damp Heat
Resistance to
Soldering Heat
Marking
After 2000 hours' application of rated voltage
at 105°C, capacitors meet the specified value
for life characteristics listed at right.
After 1000 hours' application of rated voltage
at 60°C 90%RH, capacitors meet the specified value
for life characteristics listed at right.
To comply with recommended conditions for
reflow soldering. Pre-heating shall be done
at 150 ~ 200°C and for 60 ~ 180 sec.
Peak temp. is 265°C, within 10 sec.
Measurement for solder temperature profile shall
be made at a point on the terminal nearest where
the terminals protrude through the soldering side
of PC board.
Navy blue print on the case top
Capacitance change
tan
δ
Leakage current (
2)
ESR (1)
Within ± 20% of initial value (
3)
150% or less of the initial specified value
150% or less of the initial specified value
Initial specified value or less
Capacitance change
tan
δ
Leakage current (
2)
ESR (1)
Within ± 20% of initial value (
3)
150% or less of the initial specified value
150% or less of the initial specified value
Initial specified value or less
Capacitance change
tan
δ
Leakage current (
2)
ESR (1)
Within ± 10% of initial value (
3)
130% or less of the initial specified value
130% or less of the initial specified value
Initial specified value or less
Ultra Low ESR, High ripple current.
Load life of 2000 hours at 105°C.
Radial lead type :
Lead free flow soldering condition correspondence.
Adapted to the RoHS directive (2002/95/EC).
1 ESR measurements should be made at a point on the terminal nearest the end seal of the capacitor.
2 Conditioning : If there is doubt about the measured result, measurement should be made again after the rated voltage is applied for 120 minutes at the
temperature of 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
Taping code
L+0.5MAX.
15MIN
4MIN
Laminated Case
Silvered lead Wire
φd
Capacitance
Series
Lot. No.
Voltage(g:4V)
Dimensions
Type numbering system (Example : 4V 560µF)
Voltage
V
2.5
4
6.3
10
16
Code
e
g
j
A
C
Size
φD
L
P
φd
φ8
× 9L
8.0
8.5
3.5
0.6
φ8
× 12L
8.0
11.5
3.5
0.6
φ10
× 13L
10.0
12.5
5.0
0.6
(mm)
Radial Lead Type, Standard
Dimension table in next page.
Please refer to page 21 about the end seal configulation.
CAT.8100V


Similar Part No. - PLF0E102MDO1

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PLF0E102MDO1 NICHICON-PLF0E102MDO1 Datasheet
1Mb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLF0E102MDO1 NICHICON-PLF0E102MDO1 Datasheet
930Kb / 2P
   Radial Lead Type, Standard
More results

Similar Description - PLF0E102MDO1

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ330MR15 RUBYCON-2.5SWZ330MR15 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com