Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB039C040-1-W-AG Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # SB039C040-1-W-AG
Description  Schottky cr Barrier Diode Wafer 39 Mils, 40 Volt, 1 Amp, 0.40VF.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

SB039C040-1-W-AG Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  SB039C040-1-W-AG Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet
Third Angle Protection
µm
420 +/- 20
Symbol
Cathode
Anode
Ti-Ni-Ag
Dimensions in mils (mm)
(2) The characteristics above assume the die are assembled in
industry standard packages using appropriate attach methods.
Mechanical Dimensions
Wafer
Die
SCD0967-1
Page 1 of 1
Transys Electronics LTD
Email: sales@transyselectronics.com
Website: www.transyselectronics.com
Tel: + 44 (0) 121 776 6321
Fax: + 44 (0) 121 776 6997
The information in this datasheet does not form part of any contract, quotation
guarantee,warranty or representation, it has been produced in good faith and is believed
to be accurate and may be changed without notice at anytime. Liability will not be
accepted by Transys Electronics LTD for any consequences whatsoever in its use. This
publication does not convey nor imply any license under patent or other
intellectual/industrial property rights. The products within this specification are not
designed for use in any life support apparatus whatsoever where malfunction can be
reasonably expected to cause personal injury or death. Customers using these products
in the aforementioned applications do so at their own risk and agree to fully indemnify
Transys Electronics LTD for any damage/ legal fees either direct, incidental or
consequential from this improper use or sale.
SB039C040-1-W-Ag
Schottky cr Barrier Diode Wafer
39 Mils, 40 Volt, 1 Amp, 0.40V
F.
40
VRRM
Maximum Repetitive Reverse Voltage (2)
Electrical Characteristics @ 25
Reverse Leakage Current @ VR = 40V (2)
IR(1)
C
Volt
500
SB039C040-1-W-Ag (See ordering code below)
IF(AV)
1.0
Typical Average Forward Rectified Current (2)
µA
Maximum Forward Voltage @ IF = 1.0A (1)(2)
VF
Volt
0.40
Amp
Symbol Unit
Reverse Leakage Current @ VR = 40V, 125OC (2)
IR(2)
mA
Storage Temperature Range (2)
TJ
-45 to +125
C
Junction Operating Temperature Range (2)
TSG
-45 to +125
C
(1) Pulse Width tp = < 300µS, Duty Cycle <2%
Cr-Al-Ni-Ag - Suffix "Ag"
Wafer Diameter - 100 mm (4")
Wafer Thickness 420 +/- 20
Top (Anode) - CR/Ti/Ni/Ag (Suffix "Ag")
Bottom (cathode) Ti/Ni/Ag
Scribe line Width 80 µM
15
Features
Oxide Passivated Junction
Very Low Forward Voltage
125 º C Junction Operating
Low Reverse Leakage
Supplied as Wafers
Chromium Barrier
>1000V ESD (MM)
Schottky Barrier
65 Mils
CR Barrier 40Volt 3 Amp Wafer CR/Ti/Ni/Ag
Ordering Code
SB065C040-3-W-Ag
ESD Machine Model (MM)
VESD(mm)
Volt
>1000
e.g.
39.37
(1.000)
39.37
(1.000)
32.2
(0.820)
32.2
(0.820)


Similar Part No. - SB039C040-1-W-AG

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SB039C040-0.5-W-AG TEL-SB039C040-0.5-W-AG Datasheet
155Kb / 1P
   Schottky cr Barrier Diode Wafer 39 Mils, 40 Volt, 0.5 Amp, 0.36VF.
More results

Similar Description - SB039C040-1-W-AG

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SB039C040-0.5-W-AG TEL-SB039C040-0.5-W-AG Datasheet
155Kb / 1P
   Schottky cr Barrier Diode Wafer 39 Mils, 40 Volt, 0.5 Amp, 0.36VF.
SB039C020-1-W-AG TEL-SB039C020-1-W-AG Datasheet
155Kb / 1P
   Schottky cr Barrier Diode Wafer 39 Mils, 20 Volt, 1 Amp, 0.35VF.
SB039C025-1-W-AG TEL-SB039C025-1-W-AG Datasheet
156Kb / 1P
   Schottky cr Barrier Diode Wafer 39 Mils, 25 Volt, 1 Amp, 0.37VF.
SB039C015-1-W-AG TEL-SB039C015-1-W-AG Datasheet
155Kb / 1P
   Schottky cr Barrier Diode Wafer 39 Mils, 15 Volt, 1 Amp, 0.35VF.
SB039C015-0.5 TEL-SB039C015-0.5 Datasheet
155Kb / 1P
   Schottky cr Barrier Diode Wafer 39 Mils, 15 Volt, 0.5 Amp, 0.32VF.
SB039C025-0.5-W-AG TEL-SB039C025-0.5-W-AG Datasheet
156Kb / 1P
   Schottky cr Barrier Diode Wafer 39 Mils, 25 Volt, 0.5 Amp, 0.34VF.
SB065C040-3-W-AG TEL-SB065C040-3-W-AG Datasheet
155Kb / 1P
   Schottky cr Barrier Diode Wafer 65 Mils, 40 Volt, 3 Amp, 0.39VF.
SB051C015-1-W-AG TEL-SB051C015-1-W-AG Datasheet
155Kb / 1P
   Schottky cr Barrier Diode Wafer 51 Mils, 15 Volt, 1 Amp, 0.30VF.
SB040P150-W-AG TEL-SB040P150-W-AG Datasheet
155Kb / 1P
   Schottky Barrier Diode Wafer 40 Mils, 150 Volt, 1 Amp
SB040P105-W-AG TEL-SB040P105-W-AG Datasheet
155Kb / 1P
   Schottky Barrier Diode Wafer 40 Mils, 105 Volt, 1 Amp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com