Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGG2Z122MELC25 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGG2Z122MELC25
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGG2Z122MELC25 Datasheet(HTML) 2 Page - Nichicon corporation

  LGG2Z122MELC25 Datasheet HTML 1Page - Nichicon corporation LGG2Z122MELC25 Datasheet HTML 2Page - Nichicon corporation LGG2Z122MELC25 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
GG
series
470
560
680
820
1000
1200
1500
1800
2200
2700
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
35
× 25
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1200
1480
1480
1600
1600
1750
1750
1750
2040
2040
2040
2300
2300
2300
2570
2570
2570
2680
2680
2920
2920
3270
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.91
1.00
1.00
1.10
1.10
1.21
1.21
1.21
1.34
1.34
1.34
1.46
1.46
1.46
1.64
1.64
1.64
1.80
1.80
1.98
1.98
2.20
LGG2D471MELZ25
LGG2D561MELZ30
LGG2D561MELA25
LGG2D681MELZ35
LGG2D681MELA30
LGG2D821MELZ40
LGG2D821MELA35
LGG2D821MELB25
LGG2D102MELZ45
LGG2D102MELA40
LGG2D102MELB30
LGG2D122MELA45
LGG2D122MELB35
LGG2D122MELC25
LGG2D152MELA50
LGG2D152MELB40
LGG2D152MELC30
LGG2D182MELB45
LGG2D182MELC35
LGG2D222MELB50
LGG2D222MELC40
LGG2D272MELC45
200V (2D)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
330
390
470
560
680
820
1000
1200
1500
1800
2200
22
× 25
22
× 30
22
× 35
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
30
× 40
35
× 30
30
× 45
35
× 35
35
× 40
35
× 50
1260
1340
1480
1400
1450
1450
1650
1780
1650
1930
1930
1850
1930
2150
2330
2330
2500
2350
2550
2500
2700
2950
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.80
0.87
0.96
0.96
1.05
1.05
1.16
1.16
1.16
1.27
1.27
1.27
1.27
1.40
1.40
1.40
1.54
1.54
1.72
1.72
1.88
2.08
LGG2P331MELZ25
LGG2P391MELZ30
LGG2P471MELZ35
LGG2P471MELA25
LGG2P561MELZ35
LGG2P561MELA30
LGG2P681MELZ40
LGG2P681MELA35
LGG2P681MELB25
LGG2P821MELZ50
LGG2P821MELA40
LGG2P821MELB30
LGG2P821MELC25
LGG2P102MELA45
LGG2P102MELB35
LGG2P102MELC30
LGG2P122MELB40
LGG2P122MELC30
LGG2P152MELB45
LGG2P152MELC35
LGG2P182MELC40
LGG2P222MELC50
220V (2P)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated Ripple (mArms) at 105°C 120Hz
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
22
× 25
22
× 30
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 35
35
× 25
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1300
1500
1700
1700
2000
2000
2000
2100
2050
2200
2150
2150
2300
2150
2400
2500
2350
2700
2700
2900
2900
3000
3100
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.87
0.95
1.04
1.04
1.15
1.15
1.15
1.27
1.27
1.27
1.39
1.39
1.39
1.39
1.55
1.55
1.55
1.70
1.70
1.88
1.88
2.09
2.31
LGG2Z471MELZ25
LGG2Z561MELZ30
LGG2Z681MELZ35
LGG2Z681MELA30
LGG2Z821MELZ40
LGG2Z821MELA35
LGG2Z821MELB25
LGG2Z102MELZ45
LGG2Z102MELA35
LGG2Z102MELB30
LGG2Z122MELZ50
LGG2Z122MELA40
LGG2Z122MELB35
LGG2Z122MELC25
LGG2Z152MELA50
LGG2Z152MELB40
LGG2Z152MELC30
LGG2Z182MELB45
LGG2Z182MELC35
LGG2Z222MELB50
LGG2Z222MELC40
LGG2Z272MELC45
LGG2Z332MELC50
180V (2Z)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
560
680
820
1000
1200
1500
1800
2200
2700
3300
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
30
× 40
35
× 30
30
× 45
35
× 35
35
× 40
35
× 45
1400
1500
1700
2000
2000
2100
2200
2200
2300
2300
2300
2500
2500
2500
2700
2550
2900
2900
3000
3100
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.89
0.98
0.98
1.08
1.08
1.20
1.20
1.20
1.31
1.31
1.31
1.46
1.46
1.46
1.60
1.60
1.77
1.77
1.97
2.17
LGG2C561MELZ25
LGG2C681MELZ30
LGG2C681MELA25
LGG2C821MELZ35
LGG2C821MELA30
LGG2C102MELZ40
LGG2C102MELA35
LGG2C102MELB25
LGG2C122MELA40
LGG2C122MELB30
LGG2C122MELC25
LGG2C152MELA45
LGG2C152MELB35
LGG2C152MELC30
LGG2C182MELB40
LGG2C182MELC30
LGG2C222MELB45
LGG2C222MELC35
LGG2C272MELC40
LGG2C332MELC45
160V (2C)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)


Similar Part No. - LGG2Z122MELC25

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGGT670-JO SIEMENS-LGGT670-JO Datasheet
490Kb / 8P
   Multi TOPLED
LGGT672-NO SIEMENS-LGGT672-NO Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
More results

Similar Description - LGG2Z122MELC25

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com