Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F950J106MPAAQ2 Datasheet(PDF) 1 Page - Nichicon corporation

Part # F950J106MPAAQ2
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F950J106MPAAQ2 Datasheet(HTML) 1 Page - Nichicon corporation

  F950J106MPAAQ2 Datasheet HTML 1Page - Nichicon corporation F950J106MPAAQ2 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
After applying the pressure load of 5N
for 10 ± 1 seconds horizontally to the
center of capacitor side body which has
no electrode and has been soldered
beforehand on an aluminum substrate,
there shall be found neither exfoliation
nor its sign at the terminal electrode.
4
6.3
10
16
20
25
35
0G
0J
1A
1C
1D
1E
1V
1
105
P
P SP S A
1.5
155
P
S
A
2.2
225
P
P S
(P) S AA
3.3
335
P
P
A
A
(A) B
4.7
475
P
P
S A
(Q) S A(T) B
6.8
685
P
Q A
(Q)
10
106
P
P
P Q S AA B
(A) B
15
156
P
P
P
S A
22
226
P
P
P Q S AQ S A T BB
33
336
P
P Q S AQ S A
(A) (T) B
47
476
P Q S AP Q S A
(P) (Q) S A T B
B
68
686
S AS AB
100
107
P Q S A
(P) (Q) S A T B
(T) B
150
157
(P) BB
220
227
S A T B
(T) B
330
337
(S) (A) T B(B)
470
477
(B)
V
• After 1 minute's application of rated voltage, leakage current at 20˚C is not
more than 0.01CV or 0.5 µA, whichever is greater.
• After 1 minute's application of rated voltage, leakage current at 85˚C is not
more than 0.1CV or 5 µA, whichever is greater.
• After 1 minute's application of derated voltage, leakage current at 125˚C is
not more than 0.125CV or 6.3 µA, whichever is greater.
Dipping Flow at 260˚C for 10 seconds, reflow at 260˚C for 10 seconds
+15% Max. (at +125˚C)
+10% Max. (at + 85˚C)
--10% Max. (at --55˚C)
Damp Heat
Temperature Cycles
At 40˚C, 90 ~ 95% R.H., For 500 hours (No voltage applied)
Capacitance Change •••••• Refor to next page (
∗ 1)
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current ••••••••••• • Initial specified value or less
At --55˚C / +125˚C, 30 minutes each, For 5 cycles,
Capacitance Change •••••• Refor to next page (
∗ 1)
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current •••••••••••• Initial specified value or less
Resistance to
Soldering Heat
Capacitance Change •••••• Refor to next page (
∗ 1)
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current •••••••••••• Initial specified value or less
Endurance
After 2000 hours' application of rated voltage at 85˚C, or derated voltage at
125˚C, capacitors meet the characteristic requirements listed below.
Capacitance Change •••••• Refor to next page (
∗ 1)
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current •••••••••••• Initial specified value or less
Surge
After application of surge voltage in series with a 33
resistor at the rate of 30
seconds ON, 30 seconds OFF, for 1000 successive test cycles at 85˚C,
capacitors meet the characteristics requirements listed below.
Capacitance Change •••••• Refor to next page (
∗ 1)
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current •••••••••••• Initial specified value or less
Shear Test
Terminal Strength
Keeping a capacitor surface-mounted on a substrate upside
down and supporting the substrate at both of the opposite
bottom points 45mm apart from the center of the capacitor,
the pressure strength is applied with
a specified jig at the center of the
substrate so that the substrate may
bend by 1mm as illustrated. Then,
there shall be found no remarkable
abnormality on the capacitor terminals.
5N (0.51kg f)
For 10
± 1 seconds
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F95 Conformalcoated
Chip
Specifications
Type numbering system (Example : 35V 1.5 µF)
Drawing
L
W
H
Solder electrode
electrode
Solder
AB
C
(D)
Resin
Single-side electrodes
(Both electrodes at bottom side only)
Item
Category
Temperature Range
Capacitance Tolerance
Dissipation Factor
(at 120Hz)
Leakage Current
Capacitance Change
by Temperature
Per formance Characteristics
--55 ~ +125˚C (Rated temperature : 85˚C)
± 20%, ± 10% (at 120Hz) (However P.Q.T Case ± 20%)
D dimension only for reference
( ) The series in parentheses are being developed.
Please contact to your local Nichicon sales office when
these series are being designed in your application.
Dimensions
Refer to P.235
R230
45
45
20
∗ As for the surge and derated voltage at 125˚C, refer to page 266 for details.
Standard ratings
(mm)
Cap.
(
µF)
Code
Refer to P.235
ESR(100kHz)
Taping code
(Refer to page 267 for details)
Single face electrode
F
1
9
2
5
3
1
4
V
5
1
6
5
7
5
8
M
9
A
10 11
A
12
Q
13
2
14
Case code
Capacitance tolerance
Rated Capacitance Rated voltage
Series
case code
L
2.2 ± 0.3 1.25 ± 0.3 1.0 ± 0.2
0.6 ± 0.3
0.8 ± 0.3
0.8 ± 0.3
W
H
A
B
C
( D )
(0.2)
P
3.2 ± 0.2
1.6 ± 0.2
0.8 ± 0.2
0.8 ± 0.2
1.2 ± 0.2
0.8 ± 0.2
(0.2)
Q
3.2 ± 0.3
1.6 ± 0.3
1.0 ± 0.2
0.8 ± 0.3
1.2 ± 0.3
0.8 ± 0.3
(0.2)
S
1.4 ± 0.2
1.0 ± 0.2
0.8 ± 0.3
0.8 ± 0.2
1.2 ± 0.3
1.2 ± 0.2
0.8 ± 0.3
1.1 ± 0.2
1.7 ± 0.3
2.7 ± 0.2
3.2 ± 0.3
3.5 ± 0.2
(0.2)
(0.2)
A
T
1.8 ± 0.2
0.8 ± 0.3
1.2 ± 0.3
1.1 ± 0.3
2.7 ± 0.3
3.3 ± 0.3
(0.2)
B
Adapted to the RoHS directive (2002/95/EC).


Similar Part No. - F950J106MPAAQ2

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F950J107MAAAM1Q2 NICHICON-F950J107MAAAM1Q2 Datasheet
83Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950J107MAAAQ2 NICHICON-F950J107MAAAQ2 Datasheet
77Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950J107MBAAQ2 NICHICON-F950J107MBAAQ2 Datasheet
77Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950J107MPAAQ2 NICHICON-F950J107MPAAQ2 Datasheet
77Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950J107MQAAQ2 NICHICON-F950J107MQAAQ2 Datasheet
77Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F950J106MPAAQ2

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com