Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHC1C471MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UHC1C471MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHC1C471MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UHC1C471MPD Datasheet HTML 1Page - Nichicon corporation UHC1C471MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HC
series
Low Impedance
Lower impedance than HD series.
Adapted to the RoHS directive (2002/95/EC).
Specifications
HD
Approved by Reliability Center for Electronic
Component, Japan-Certification No. RCJ-03-23C
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Radial Lead Type
Type numbering system (Example : 10V 470µF)
fD
P
fd
8
3.5
0.6
4
1.5
0.45
10
5.0
0.6
5
2.0
0.45
6.3
2.5
0.5
(0.45)
U
1
H
2
C
3
1
4
A
5
4
6
7
7
1
8
M
910 11
P D
Configuration
Series name
Type
Pressure
relief vent
15MIN
4MIN
fd
(No pressure relief vent for 7mmL products)
( ) : Applied to 7mmL products
(L = 7) 1.0
(L 11) 1.5
(mm)
L+ MAX.
(f6.3up)
Capacitance tolerance (± 20%)
Rated Capacitance (470mF)
Rated voltage (10V)
Sleeve (P.E.T.)
f D
4
Pb-free leadwire
Pb-free PET sleeve
5
DD
6.3 (7L)
6.3 (11L)
ED
8á10
PD
Configuration
Performance Characteristics
ltem
0.15
0.13
0.12
0.10
0.10
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Marking
– 40 ~ +105˚C
6.3 ~ 35V
4.7 ~ 1000µF
± 20% at 120Hz, 20˚C
After 2 minutes' application of rated voltage, leakage current is less than 0.01CV or 3 (µA), whichever is greater.
Rated voltage (V)
Rated voltage (V)
tan
δ (MAX.)
Impedance ratio ZT / Z20 (MAX.) Z–40˚C / Z+20˚C
6.3
10
16
25
35
22222
6.3
10
16
25
35
After an application of D.C. bias voltage plus the rated ripple current for 2000 hours (
φD <= 6.3 : 1000 hours ) at 105˚C the peak
voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed below.
Printed with white color letter on black sleeve.
Capacitance change
Within ± 20% of initial value
tan
δ
200% or less of initial specified value
Leakage current
lnitial specified value or less
120Hz 20˚C
120Hz
HC
Low
Impedance
Dimension table in next page.
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UHC1C471MPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UHC124 ETC2-UHC124 Datasheet
170Kb / 6P
   High Performance Four-Port Embedded USB Host Controller
More results

Similar Description - UHC1C471MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com