Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGX2D821MELA40 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGX2D821MELA40
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGX2D821MELA40 Datasheet(HTML) 1 Page - Nichicon corporation

  LGX2D821MELA40 Datasheet HTML 1Page - Nichicon corporation LGX2D821MELA40 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Performance Characteristics
10±
0.1
2-2f
(PC board hole dimensions)
(Terminal dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8 +0.2
-0.1
Polarity bar
10
2
4.0±0.5
Pressure relief vent
±0.1
Sleeve (P.E.T.)
L
1
G
2
X
3
2
4
G
5
1
6
2
7
1
8
M
9
E
10
L
11
Z
12
3
13
0
14
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated Capacitance (120µF)
Rated voltage (400V)
Series name
Type
fD
22
25
30
35
Code
Z
A
B
C
Drawing
Type numbering system (Example : 400V 120µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Item
– 25 ~ +105°C
200 ~ 450V
82 ~ 2200µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz
Z
25°C/ Z+20°C
Rated voltage(V)
200.250
400.450
48
Impedance
ratio (MAX.)
ALUMINUM ELECTROLYTIC CAPACITORS
GX
series
Smaller-Sized Snap-in Terminal Type, Long Life,
Wide Temperature Range
Long life assurance series withstanding 5000 hours
application of rated ripple current at 105°C.
Suited for rectifier circuit of general inverter,
switching power supply.
Adapted to the RoHS directive (2002/95/EC).
Dimension table in next page.
The other terminal is also available upon request.
Please refer page 237 for schematic of dimensions.
After storing the capacitors under no load at 105°C
for 1000 hours, and after performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the requirements listed at right.
Capacitance change
Leakage current
tan
δ
Within ±15% of initial value
Initial specified value or less
150% or less of initial specified value
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of initial specified value
3 CV
GX
Measurement frequency : 120Hz, Temperature : 20°C
Rated voltage(V)
tan
δ (MAX.)
200 ~ 400
0.15
450
0.20
Minimum order quantity : 50pcs.
GY
Smaller
CAT.8100V-1
After an application of DC voltage ( in the range of rated DC
voltage even after over-lapping the specified ripple current )
for 5000 hours at 105°C, capacitors meet the characteristic
requirements listed at right.


Similar Part No. - LGX2D821MELA40

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGX2WAS-521E-A01 LIGITEK-LGX2WAS-521E-A01 Datasheet
370Kb / 12P
   High Power Light LED
More results

Similar Description - LGX2D821MELA40

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com