Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGK1H183MEHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGK1H183MEHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGK1H183MEHD Datasheet(HTML) 1 Page - Nichicon corporation

  LGK1H183MEHD Datasheet HTML 1Page - Nichicon corporation LGK1H183MEHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
L
± 2
6.3
± 1
4-
φ2 ±0.1
22.5±0.1
25.0 ±0.1
L
± 2
6.3
± 1
5-
φ2±0.1
L
1
G
2
K
3
2
4
D
5
2
6
7
7
2
8
M
9
E
10
H
11
D
12
Configuration
Case dia. code
Capacitance tolerance (
± 20%)
Rated Capacitance (2700
µF)
Rated voltage (200V)
Series name
Type
φD
35
40
Code
C
D
Notes:
As blank terminals are not insulated from capacitor element,
they shall be mounted on independent lands.
BLANK
Pressure relief vent
Pressure relief vent
BLANK
BLANK
BLANK
C
D
B
BLANK
A
A
(PC board hole dimensions)
(PC board hole dimensions)
C
B
Sleeve (P.E.T.)
Sleeve (P.E.T.)
ALUMINUM ELECTROLYTIC CAPACITORS
GK HH
series
PC Board Mounting Type
Higher C/V products.
Plentiful line-up from
φ35 × 63 to φ40 × 100mm.
Auxiliary terminals provided to assure anti-vibration performamance.
Adapted to the RoHS directive (2002/95/EC).
Drawing
Specifications
Type numbering system (Example : 200V 2700µF)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +105°C (16 ~ 250V) , – 25 ~ +105°C (400V)
16 ~ 400V
560 ~ 68000µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After an application of DC voltage(in the range of rated
DC voltage even after over-lapping the specified ripple
current) for 2000 hours at 105°C, capacitors meet
the characteristic requirements listed at right.
After storing the capacitors under no load at 105°C for
1000 hours, and after performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the requirements listed at right.
Rated voltage(V)
tan
δ (MAX.)
16
0.60
25
0.50
35
0.40
50
0.35
63
0.30
80
0.30
100
0.25
160
0.20
200
0.15
250
0.15
400
0.30
Z
25°C/ Z+20°C
Z
40°C/ Z+20°C
Rated voltage(V)
Impedance ratio
ZT/Z20 (MAX.)
16 ~ 250
4
15
400
8
For all of
φ35mm products and for 63mmL or shorter with
φ40mm.
For 63mmL or longer with
φ40mm.
Frequency coefficient of rated ripple current
Dimension table in next page.
25.0 ±0.1
L
± 2
6.3
± 1
5-
φ2±0.1
Pressure relief vent
BLANK
BLANK
C
D
B
BLANK
A
(PC board hole dimensions)
Sleeve (P.E.T.)
Frequency (Hz)
016 ~ 100V
160 ~ 250V
400V
Coeff.
50
60
120
1 k
10k~
0.88
0.90
1.00
1.15
1.15
0.85
0.88
1.00
1.15
1.20
0.88
0.90
1.00
1.10
1.15
Capacitance change
Leakage current
tan
δ
Within ± 20% of initial value
Initial specified value or less
200% or less of initial specified value
Capacitance change
Leakage current
tan
δ
Within ±15% of initial value
Initial specified value or less
150% or less of initial specified value
3 CV
Minimum order quantity : 50pcs.
(Through 100V only)
GKHH
High C/V
GU


Similar Part No. - LGK1H183MEHD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGK2S16045 LUGUANG-LGK2S16045 Datasheet
924Kb / 3P
   Power Schottky Rectifier, 160 A
logo
Siemens Semiconductor G...
LGK380 SIEMENS-LGK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LGK380-LP SIEMENS-LGK380-LP Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LGK380-N SIEMENS-LGK380-N Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LGK380-NR SIEMENS-LGK380-NR Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
More results

Similar Description - LGK1H183MEHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com