Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHZ0J152MPM Datasheet(PDF) 1 Page - Nichicon corporation

Part # UHZ0J152MPM
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHZ0J152MPM Datasheet(HTML) 1 Page - Nichicon corporation

  UHZ0J152MPM Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HZ
series
Ultra Low Impedance
Lower impedance than HN series.
Adapted to the RoHS directive (2002/95/EC).
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
HZ
HN
Low
Impedance
ltem
Performance Characteristics
6.3 ~ 16V
±20% (120Hz, 20ûC)
After an application of D.C. bias voltage plus the rated ripple current for 2000 hours at 105ûC the peak voltage shall not exceed
the rated D.C. voltage, capacitors meet the characteristic requirements listed below.
Leakage current
lnitial specified value or less
Printed with gold color on black sleeve.
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Marking
Radial Lead Type
Type numbering system (Example : 6.3V 1800µF)
Specifications
Rated voltage (V)
Rated voltage (V)
tan d (MAX.)
6.3
6.3
3
0.22
10
10
3
0.19
16
16
3
0.16
120Hz 20ûC
120Hz
Impedance ratio ZT / Z20 (MAX.) ZÑ25ûC / Z+20ûC
Standard ratings
470
680
820
1000
1200
1500
1800
2200
2700
3300
471
681
821
102
122
152
182
222
272
332
8 ´ 15
10 ´ 12.5
8 ´ 15
10 ´ 12.5
8 ´ 20
10 ´ 16
10 ´ 16
8 ´ 20
10 ´ 16
10 ´ 20
10 ´ 20
10 ´ 25
14
12
14
12
9
10
10
9
10
7
7
6.5
2210
2280
2210
2280
2880
2960
2960
2880
2960
3770
3770
4690
Case size
fD ´ L
(mm)
Rated ripple
(mArms)
105ûC / 100kHz
Impedance
(m½) MAX.
20ûC / 100kHz
6.3 (0J)
10 ´ 12.5
10 ´ 12.5
10 ´ 12.5
10 ´ 16
8 ´ 20
10 ´ 16
10 ´ 16
8 ´ 20
10 ´ 20
10 ´ 25
12
12
12
10
9
10
10
9
7
6.5
2288
2280
2280
2960
2880
2960
2960
2880
3770
4140
Case size
fD ´ L
(mm)
Rated ripple
(mArms)
105ûC / 100kHz
Impedance
(m½) MAX.
20ûC / 100kHz
10 (1A)
V (Code)
Item
Cap. (µF)
10´ 12.5
10´ 12.5
8´ 20
10´ 16
10´ 16
10´ 16
8´ 20
10´ 20
10´ 20
10´ 20
10´ 25
12
12
9
10
10
10
9
7
7
7
6.5
2280
2280
2880
2960
2960
2960
2880
3770
3770
3770
4140
Case size
fD ´ L
(mm)
Rated ripple
(mArms)
105ûC / 100kHz
Impedance
(m½) MAX.
20ûC / 100kHz
16 (1C)
Code
tan d
fD
P
fd
8
3.5
0.6
10
5
0.6
L+1.5MAX.
15MIN
4MIN
Pressure relief vent
fd
U
1
H
2
Z
3
0
4
J
5
1
6
8
7
2
8
M
9
P
10
M
11 12
Configuration
Size code
Capacitance tolerance (±20%)
Rated capacitance (1800µF)
Rated voltage (6.3V)
Series name
Type
470 ~ 3300µF
After 2 minutes' application of rated voltage, leakage current is less than 0.03CV
tan d
200% or less of initial specified value
Category Temperature
Ð25 ~ +105ûC
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF
Capacitance change
Within ±30% of initial value
: In this case, n will be put at 12th digit of type numbering system.
: In this case, c will be put at 12th digit of type numbering system.
: In this case, . will be put at 12th digit of type numbering system.
Sleeve (P.E.T.)
f D
8 × 10
Pb-free leadwire
Pb-free PET sleeve
PM
Configuration
(mm)


Similar Part No. - UHZ0J152MPM

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHZ0J152MPM3 NICHICON-UHZ0J152MPM3 Datasheet
49Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UHZ0J152MPM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com