Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHM1C471MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UHM1C471MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHM1C471MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UHM1C471MPD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HM
series
Low Impedance
Lower impedance than HD,HC series.
Adapted to the RoHS directive (2002/95/EC).
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
HM
HN
Low
Impedance
8 ´ 11.5
8 ´ 11.5
8 ´ 15
10 ´ 12.5
8 ´ 11.5
8 ´ 15
10 ´ 12.5
8 ´ 20
10 ´ 16
10 ´ 16
8 ´ 20
10 ´ 20
8 ´ 20
10 ´ 16
10 ´ 20
10 ´ 25
12.5 ´ 20
10 ´ 20
12.5 ´ 25
16 ´ 25
18 ´ 25
Specifications
Radial Lead Type
Type numbering system (Example : 6.3V 1800µF)
Performance Characteristics
ltem
0.22
0.19
0.16
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan d
Stability at Low Temperature
Endurance
Marking
Ñ40 ~ +105ûC
6.3 ~ 16V
330 ~ 12000µF
±20% (120Hz, 20ûC)
After 2 minutes' application of rated voltage, leakage current is less than 0.03CV
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF
Rated voltage (V)
Rated voltage (V)
tan d (MAX.)
Impedance ratio ZT / Z20 (MAX.) ZÑ40ûC/Z+20ûC
6.3
10
16
6.3
33
3
10
16
After an application of D.C. bias voltage plus the rated ripple current for 2000 hours at 105ûC the peak voltage shall not
exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed below.
Printed with white color black sleeve.
Capacitance change
Within ±25% of initial value
tan d
200% or less of initial specified value
Leakage current
lnitial specified value or less
120Hz 20ûC
120Hz
Standard ratings
V (Code)
6.3 (0J)
10 (1A)
16 (1C)
Case size
fD
´ L
(mm)
Case size
fD
´ L
(mm)
Impedance
(m½) MAX.
20ûC / 100kHz
Impedance
(m½) MAX.
20ûC / 100kHz
Rated ripple
(mArms)
105ûC / 100kHz
Rated ripple
(mArms)
105ûC / 100kHz
Case size
fD
´ L
(mm)
Impedance
(m½) MAX.
20ûC / 100kHz
Rated ripple
(mArms)
105ûC / 100kHz
Item
Cap.(µF)
Code
U
1
H
2
M
3
0
4
J
5
1
6
8
7
2
8
M
9
P
10
D
11 12
Capacitance tolerance (±20%)
Rated Capacitance (1800µF)
Rated voltage (6.3V)
Configuration
Size Code
Series name
Type
330
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
5600
6800
8200
12000
331
471
561
681
821
102
122
152
182
222
272
332
562
682
822
123
30
30
28
25
30
28
25
16
18
19
16
13
16
18
13
12
11
13
10
9
8
1140
1140
1490
1540
1140
1490
1540
1950
2000
2000
1950
2550
1950
2000
2550
2800
3000
2550
2900
3070
3250
8 ´ 11.5
8 ´ 11.5
10 ´ 12.5
10 ´ 12.5
8 ´ 15
10 ´ 16
8 ´ 20
10 ´ 16
8 ´ 20
10 ´ 20
10 ´ 25
12.5 ´ 20
12.5 ´ 25
16 ´ 25
18 ´ 25
30
30
25
25
28
18
18
18
18
13
12
11
10
9
8
1140
1140
1540
1540
1490
2000
1870
2000
1870
2550
2800
3000
2900
3070
3250
8 ´ 11.5
8 ´ 11.5
10 ´ 12.5
10 ´ 12.5
8 ´ 15
8 ´ 20
10 ´ 16
10 ´ 16
8 ´ 20
10 ´ 20
10 ´ 20
10 ´ 25
12.5 ´ 20
12.5 ´ 25
16 ´ 25
18 ´ 25
30
30
25
25
28
18
18
18
18
13
13
12
11
10
9
8
1140
1140
1540
1540
1490
1870
2000
2000
1870
2550
2550
2800
2800
2900
3070
3250
f D
8
á 10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 ~ 18
HD
Configuration
fD
P
fd
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
(mm)
L+1.5MAX.
15MIN
4MIN
Pressure relief vent
fd
Sleeve (P.E.T.)
Wider range of rating.
HD
Low
Impedance
: In this case,
will be put at 12th digit of type numbering system.
: In this case,
will be put at 12th digit of type numbering system.
: In this case,
will be put at 12th digit of type numbering system.
9
3
6
Please refer to page 21 about the end seal
configulation.


Similar Description - UHM1C471MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com