Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR24020 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # MBR24020
Description  SCHOTTKY DIODES MODULE TYPE 240A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

MBR24020 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  MBR24020 Datasheet HTML 1Page - TRANSYS Electronics Limited MBR24020 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Te mperature -
Figure .2- Forward Derating Curve
0
180
30
60
90
120
0
80
150
Instantaneous Forward Voltage - Volts
Figure .1-Typical Forward Characteristics
Volts
1
100
4
1000
1500
8
Figure
Peak Forward Surge Current
Number Of Cycles At 60Hz - Cycles
Cycles
2
6
10
20
60 80
40
2000
2500
3000
500
3500
0
0.2
0.4
0.6
0.8
1.0
1.2
120
40
MBR24020(R) THRU MBR240100(R)
160
200
240
Figure .4-Typical Reverse Characteristics
Reverse Voltage - Volts
Volts
Tj =125 C
T
J =25
T
J =75
Tj =150 C
4
6
60
10
.01
.02
.04
.06
.1
.2
.4
.6
1
2
400
600
.004
.006
200
.001
.002
1000
20
40
100
2000
1000
1.0
2.0
4.0
6.0
10
20
40
100
60
200
400
600
Single Phase, Half Wave
60Hz Resistive or Inductive Load
.3-
MBR24060
MBR24080~
MBR240100
T
J =25
MBR24020~
MBR24040
10
20
30
40
0
50
60
70
80
90
100
8.3ms Single Half
Sine Wave
JEDEC method T
J =25


Similar Part No. - MBR24020

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR24020 MCC-MBR24020 Datasheet
127Kb / 3P
   240 Amp Rectifier 20 to 100 Volts Schottky Barrier
More results

Similar Description - MBR24020

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 80A
FST16020 TEL-FST16020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 160A
FSTI10020 TEL-FSTI10020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 100A
MBR12020 TEL-MBR12020 Datasheet
121Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com