Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC912XDP512J1MFU Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # PC912XDP512J1MFU
Description  Covers, S12XD, S12XB & S12XA Families
Download  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512J1MFU Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512J1MFU Datasheet HTML 34Page - Freescale Semiconductor, Inc PC912XDP512J1MFU Datasheet HTML 35Page - Freescale Semiconductor, Inc PC912XDP512J1MFU Datasheet HTML 36Page - Freescale Semiconductor, Inc PC912XDP512J1MFU Datasheet HTML 37Page - Freescale Semiconductor, Inc PC912XDP512J1MFU Datasheet HTML 38Page - Freescale Semiconductor, Inc PC912XDP512J1MFU Datasheet HTML 39Page - Freescale Semiconductor, Inc PC912XDP512J1MFU Datasheet HTML 40Page - Freescale Semiconductor, Inc PC912XDP512J1MFU Datasheet HTML 41Page - Freescale Semiconductor, Inc PC912XDP512J1MFU Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
38
Freescale Semiconductor
0x0110–0x011B
EEPROM control register
12
0x011C–0x011F
MMC (memory map control)
4
0x0120–0x012F
INT (interrupt module)
16
0x0130–0x013F
Reserved
16
0x0130–0x0137
SCI4 (serial communications interface)
8
0x0138–0x013F
SCI5 (serial communications interface)
8
0x0140–0x017F
CAN0 (scalable CAN)
64
0x0180–0x01BF
CAN1 (scalable CAN)
64
0x0180–0x023F
Reserved
192
0x01C0–0x01FF
CAN2 (scalable CAN)
64
0x0200–0x023F
Reserved
64
0x0200–0x023F
CAN3 (scalable CAN)
64
0x0240–0x027F
PIM (port integration module)
64
0x0280–0x02BF
CAN4 (scalable CAN)
64
0x02C0–0x02DF
Reserved
32
0x02C0–0x02DF
ATD0 (analog-to-digital converter 10 bit 8-channel)
32
0x02E0–0x02EF
Unimplemented
16
0x02F0–0x02F7
Voltage regulator
8
0x02F8–0x02FF
Unimplemented
8
0x0300–0x0327
PWM (pulse-width modulator 8 channels)
40
0x0328–0x033F
Unimplemented
24
0x0340–0x0367
Periodic interrupt timer
40
0x0368–0x037F
Unimplemented
24
0x0380–0x03BF
XGATE
64
0x03C0–0x03FF
Unimplemented
64
0x0400–0x07FF
Unimplemented
1024
Table 1-1. Device Register Memory Map (continued)
Address
Module
Size
(Bytes)


Similar Part No. - PC912XDP512J1MFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC912XDP512J1MFUR FREESCALE-PC912XDP512J1MFUR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
More results

Similar Description - PC912XDP512J1MFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XDG128CAL FREESCALE-MC9S12XDG128CAL Datasheet
7Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
631441 FREESCALE-631441 Datasheet
7Mb / 1348P
   Covers S12XD, S12XB and S12XA Families
MC9S12XDP512 FREESCALE-MC9S12XDP512 Datasheet
4Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
MC9S12XDT512CAA FREESCALE-MC9S12XDT512CAA Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDP512CAG FREESCALE-MC9S12XDP512CAG Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDT256MAA FREESCALE-MC9S12XDT256MAA Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet Covers S12XD, S12XB & S12XA Families
MC9S12XDT256MAL FREESCALE-MC9S12XDT256MAL Datasheet
7Mb / 1348P
   This documentation covers all devices in the S12XD, S12XB and S12XA families.
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com