Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCA2W151MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCA2W151MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCA2W151MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UCA2W151MHD Datasheet HTML 1Page - Nichicon corporation UCA2W151MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
CA
series
ALUMINUM ELECTROLYTIC CAPACITORS
V
10
´ 16
10
´ 20
10
´ 20
12.5
´ 20
12.5
´ 25
16
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
16
´ 31.5
18
´ 25
250
500
565
725
950
970
1280
1180
1360
1360
1400
1400
10
´ 16
10
´ 20
12.5
´ 20
12.5
´ 20
12.5
´ 25
16
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
18
´ 31.5
250
500
600
780
950
970
1280
1180
1360
1360
1700
10
´ 20
12.5
´ 20
12.5
´ 20
12.5
´ 25
16
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
18
´ 31.5
300
600
630
720
750
1000
920
1400
1345
1500
10
´ 16
10
´ 20
12.5
´ 20
16
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
220
280
350
600
700
750
1100
875
10
´ 16
10
´ 20
12.5
´ 20
16
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
18
´ 31.5
220
280
430
600
640
640
840
840
1000
10
´ 20
12.5
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
18
´ 31.5
150
320
560
560
700
700
900
2C
2D
2E
2V
2G
2W
160
200
250
350
400
450
Case size
fD
´ L (mm)
: In this case, 6 will be put at 12th digit
of type numbering system.
Frequency
Coefficient
50Hz
0.40
120Hz
0.50
1kHz
0.80
10kHz
0.90
100kHz ~
1.00
Dimensions
Frequency coefficient of rated ripple current
Cap.
(µF)
Code
6.8
10
22
33
47
68
100
150
220
6R8
100
220
330
470
680
101
151
221
: Rated Ripple (mArms) at 105¡C 100kHz


Similar Part No. - UCA2W151MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCA2C220MPD NICHICON-UCA2C220MPD Datasheet
51Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCA2E100MPD NICHICON-UCA2E100MPD Datasheet
51Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCA2W151MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com