Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK10UM-10 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # FK10UM-10
Description  HIGH-SPEED SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FK10UM-10 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  FK10UM-10 Datasheet HTML 1Page - Powerex Power Semiconductors FK10UM-10 Datasheet HTML 2Page - Powerex Power Semiconductors FK10UM-10 Datasheet HTML 3Page - Powerex Power Semiconductors FK10UM-10 Datasheet HTML 4Page - Powerex Power Semiconductors FK10UM-10 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FK10UM-10
HIGH-SPEED SWITCHING USE
101
7
5
3
2
10–1
10–1
23
5 7 100
100
7
5
3
2
23
5 7 101
TC=25°C
VDS = 10V
Pulse Test
125°C
75°C
20
16
12
8
4
0
0
4
8
12
16
20
TC = 25°C
VDS = 50V
Pulse Test
20
16
12
8
4
0
0
1020304050
PD=
125W
TC = 25°C
Pulse Test
6V
5V
VGS = 20V
10V
10
8
6
4
2
0
0
4
8
12
16
20
PD = 125W
TC = 25°C
Pulse Test
VGS = 20V 10V 6V
4V
5V
40
32
24
16
8
0
0
4
8
12
16
20
ID = 20A
TC = 25°C
Pulse Test
10A
5A
0
23
10–1
57 100 23 5 7 101 23 5 7 102
2.0
1.6
1.2
0.8
0.4
TC = 25°C
Pulse Test
VGS = 10V
20V
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)


Similar Part No. - FK10UM-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FK10UM-10 MITSUBISHI-FK10UM-10 Datasheet
52Kb / 5P
   HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FK10UM-10 RENESAS-FK10UM-10 Datasheet
90Kb / 6P
   MITSUBISHI Nch POWER MOSFET
logo
Inchange Semiconductor ...
FK10UM-10 ISC-FK10UM-10 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FK10UM-10 RENESAS-FK10UM-10_15 Datasheet
111Kb / 8P
   HIGH-SPEED SWITCHING USE
More results

Similar Description - FK10UM-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com