Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD676 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part No. BD676
Description  PNP DARLIGNTON POWER SILICON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BD676 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BD676 Datasheet HTML 1Page - TRANSYS Electronics Limited BD676 Datasheet HTML 2Page - TRANSYS Electronics Limited BD676 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP DARLIGNTON POWER SILICON TRANSISTORS
BD676, 676A
BD678, 678A
BD680, 680A
BD682, 684
TO126
Plastic Package
For Use As Output Devices In Complementary General Purpose Amplifier Applications.
COMPLEMENTARY TO BD675, 675A, 677, 677A, 679, 679A, 681 & 683
BD678, 678A, 680, 680A ARE EQUIVALENT TO MJE700, 702, 703.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
BD676
BD678
BD680 BD682 BD684
UNIT
BD676A BD678A BD680A
Collector -Base Voltage
VCBO
45
60
80
100
120
V
Collector -Emitter Voltage
VCEO
45
60
80
100
120
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
4.0
A
Base Current
IB
0.1
A
Collector Power Dissipation @ Tc=25ºC
PD
40
W
Derate above 25ºC
0.32
W/ºC
Operation and Storage Junction
Tj,Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
3.13
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
BD676
BD678
BD680 BD682 BD684
UNIT
BD676A BD678A BD680A
Collector Emitter Voltage
BVCEO*IC=50mA, IB=0
>45
>60
>80
>100 >120
V
Collector Cut off Current
ICEO
VCE=Half RatedVCEO, <500
<500
<500
<500 >120
µA
IB=0
Collector Cut off Current
ICBO
VCB=Rated VCBO,IE=0
<0.2
<0.2
<0.2
<0.2
<0.2
mA
VCB=Rated VCBO,IE=0
<2
<2
<2
<2
<2
mA
Ta=100ºC
Emitter Cut off Current
IEBO
VEB=5V,IC=0
<2
<2
<2
<2
<2
mA
DC Current Gain
hFE*
NON A
IC=1.5A, VCE=3V
<-------------- >750--------------->
A
IC=2A, VCE=3V
<----------------- >750----------------->
B
C
E
Transys
Electronics
LI M ITE D


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn