Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCA2C100MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part No. UCA2C100MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHICON [Nichicon corporation]
Homepage  http://www.nichicon-us.com
Logo 

UCA2C100MHD Datasheet(HTML) 2 Page - Nichicon corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
CA
series
ALUMINUM ELECTROLYTIC CAPACITORS
V
10
´ 16
10
´ 20
10
´ 20
12.5
´ 20
12.5
´ 25
16
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
16
´ 31.5
18
´ 25
250
500
565
725
950
970
1280
1180
1360
1360
1400
1400
10
´ 16
10
´ 20
12.5
´ 20
12.5
´ 20
12.5
´ 25
16
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
18
´ 31.5
250
500
600
780
950
970
1280
1180
1360
1360
1700
10
´ 20
12.5
´ 20
12.5
´ 20
12.5
´ 25
16
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
18
´ 31.5
300
600
630
720
750
1000
920
1400
1345
1500
10
´ 16
10
´ 20
12.5
´ 20
16
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
220
280
350
600
700
750
1100
875
10
´ 16
10
´ 20
12.5
´ 20
16
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
18
´ 31.5
220
280
430
600
640
640
840
840
1000
10
´ 20
12.5
´ 20
16
´ 25
18
´ 20
16
´ 31.5
18
´ 25
18
´ 31.5
150
320
560
560
700
700
900
2C
2D
2E
2V
2G
2W
160
200
250
350
400
450
Case size
fD
´ L (mm)
: In this case, 6 will be put at 12th digit
of type numbering system.
Frequency
Coefficient
50Hz
0.40
120Hz
0.50
1kHz
0.80
10kHz
0.90
100kHz ~
1.00
Dimensions
Frequency coefficient of rated ripple current
Cap.
(µF)
Code
6.8
10
22
33
47
68
100
150
220
6R8
100
220
330
470
680
101
151
221
: Rated Ripple (mArms) at 105¡C 100kHz


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn