Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UBX1A330MHL Datasheet(PDF) 2 Page - Nichicon corporation

Part No. UBX1A330MHL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHICON [Nichicon corporation]
Homepage  http://www.nichicon-us.com
Logo 

UBX1A330MHL Datasheet(HTML) 2 Page - Nichicon corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
Dimensions
10
1A
16
1C
25
1E
35
1V
10
× 16
10
× 20
12.5
× 25
16
× 31.5
18
× 35.5
18
× 40
300
400
600
1000
1200
1300
Cap..
(µF)
Code
10
× 16
10
× 20
12.5
× 20
16
× 25
18
× 35.5
18
× 40
300
400
600
800
1200
1300
10
× 12.5
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
250
500
600
800
1000
10
× 12.5
10
× 12.5
10
× 12.5
10
× 12.5
10
× 12.5
10
× 12.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 40
35
50
60
85
175
200
225
250
400
600
800
1000
1300
Rated Ripple (mA rms) at 150°C 100kHz
V (Code)
Rated
Ripple
Cace Size
φ D × L (mm)
4R7
6R8
100
150
220
330
470
560
680
101
4.7
6.8
10
15
22
33
47
56
68
100
160
2C
200
2D
350
2V
400
2G
10
× 12.5
10
× 12.5
10
× 16
12.5
× 20
12.5
× 20
12.5
× 25
16
× 20
16
× 25
110
110
160
230
250
270
290
300
Cap..
(µF)
Code
10
× 12.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 20
16
× 25
83
83
130
170
210
250
270
290
10
× 16
10
× 20
12.5
× 20
12.5
× 25
77
110
120
130
10
× 20
12.5
× 20
12.5
× 25
12.5
× 25
83
88
105
105
V (Code)
Rated
Ripple
Cace Size
φ D × L (mm)
220
330
470
560
680
101
221
331
471
561
681
102
22
33
47
56
68
100
220
330
470
560
680
1000
50
1H
63
1J
80
1K
100
2A
10
× 12.5
10
× 20
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 25
16
× 31.5
380
640
770
960
1080
1190
1420
Cap..
(µF)
Code
10
× 12.5
10
× 16
10
× 20
12.5
× 25
12.5
× 31.5
16
× 25
16
× 31.5
16
× 35.5
430
560
710
1040
1170
1280
1520
1520
10
× 12.5
10
× 16
10
× 20
10
× 20
12.5
× 20
16
× 25
16
× 31.5
18
× 31.5
420
550
690
690
820
1250
1480
1530
10
× 12.5
10
× 16
10
× 20
10
× 20
12.5
× 20
12.5
× 25
16
× 31.5
18
× 31.5
390
510
640
640
760
950
1380
1430
Rated Ripple (mArms) at 150°C 100kHz
Rated Ripple (mArms) at 150°C 120Hz
V (Code)
Rated
Ripple
Cace Size
φ D × L (mm)
ALUMINUM ELECTROLYTIC CAPACITORS
BX
series
Frequency coefficient of rated ripple current
Frequency
CV
1000 > CV
1000
CV
120Hz
0.50
0.67
V
10
~ 100
300Hz
0.64
0.79
1kHz
0.83
0.91
10kHz ~
1.00
1.00
4.7 ~ 330
.47 ~ 100
50Hz
0.75
0.80
V
160 ~ 400
120Hz
1.00
1.00
300Hz
1.25
1.15
1kHz
1.50
1.30
10kHz
1.75
1.40
100kHz
1.80
1.50
Frequency coefficient of rated ripple current
Frequency
Cap. (µF)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn