Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGR3000FX-90DA Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # FGR3000FX-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FGR3000FX-90DA Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  FGR3000FX-90DA Datasheet HTML 1Page - Powerex Power Semiconductors FGR3000FX-90DA Datasheet HTML 2Page - Powerex Power Semiconductors FGR3000FX-90DA Datasheet HTML 3Page - Powerex Power Semiconductors FGR3000FX-90DA Datasheet HTML 4Page - Powerex Power Semiconductors FGR3000FX-90DA Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Aug.1998
2000
1600
1200
800
400
0
1000
0
250
500
750
RESISTIVE, INDUCTIVE LOAD
180° CONDUCTION
130
100
90
70
60
50
1000
750
500
250
0
120
80
110
RESISTIVE, INDUCTIVE LOAD
180° CONDUCTION
5000
4000
3000
2000
1000
0
800
500
100
0
200 300 400
600 700
θ = 30° 60°
90°
180°
120°
θ
360°
RESISTIVE,
INDUCTIVE
LOAD
130
110
100
80
60
50
800
0
70
90
120
200
400
600 700
100
300
500
θ = 30°
60°
90° 120°
180°
θ
360°
RESISTIVE,
INDUCTIVE
LOAD
130
100
90
70
60
50
1500
0
300
600
900
120
1200
80
110
θ = 30° 60° 90°
180°
120°
270°
360°
RESISTIVE,
INDUCTIVE
LOAD
θ
5000
4000
3000
2000
1000
0
1500
0
300
600
900
1200
θ = 30°
60°
90°
270°
DC
360°
RESISTIVE,
INDUCTIVE
LOAD
θ
180°
120°
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(GTO PART, SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(GTO PART, SINGLE-PHASE HALF WAVE)
AVERAGE REVERSE CURRENT (A)
MAXIMUM REVERSE POWER DISSIPATION
CHARACTERISTICS
(DIODE PART, SINGLE PHASE WAVE)
AVERAGE REVERSE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE REVERSE CURRENT
(DIODE PART, SINGLE PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(GTO PART, RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(GTO PART, RECTANGULAR WAVE)
MITSUBISHI REVERSE-CONDUCTING GTO THYRISTORS
FGR3000FX-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE
DC


Similar Part No. - FGR3000FX-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FGR3000FX-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG4000EX-50DA POWEREX-FG4000EX-50DA Datasheet
79Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com