Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2137 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SD2137
Description  Plastic-Encapsulated Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SD2137 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SD2137 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220 Plastic-Encapsulate
d Transistors
2SD2137 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
2
W (Tamb=25
℃)
Collector current
ICM:
3
A
Collector-base voltage
V(BR)CBO:
60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
1mA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
30mA, IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA, IC=0
6
V
Collector cut-off current
ICBO
VCB=60V, IE=0
100
µA
Emitter cut-off current
IEBO
VEB=6V, IC=0
100
µA
hFE(1)
VCE=4V, IC=1A
70
320
DC current gain
hFE(2)
VCE=4V, IC=3A
10
Collector-emitter saturation voltage
VCE(sat)
IC=3A, IB=375mA
1.2
V
Base-emitter voltage
VBE
VCE=4V, IC=3A
1.8
V
Transition frequency
fT
VCE=5V, IC=0.2A, f=10MHz
30
MHz
Turn-on time
ton
0.3
µs
Storage time
tstg
2.5
µs
Switch time
Fall time
tf
VCC=50V, IC=1A, IB1=0.1A, IB2=-0.1A
0.2
µs
CLASSIFICATION OF
hFE(1)
Rank
Q
P
O
Range
70-150
120-250
160-320
1 2 3
TO-220
1. BASE
2. COLLECTOR
3. EMITTER
Transys
Electronics
LI M ITE D


Similar Part No. - 2SD2137

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2137 PANASONIC-2SD2137 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
logo
SHENZHEN YONGERJIA INDU...
2SD2137 WINNERJOIN-2SD2137 Datasheet
126Kb / 1P
   TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SD2137 KOOCHIN-2SD2137 Datasheet
291Kb / 2P
   TRANSISTOR (NPN)
More results

Similar Description - 2SD2137

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
   Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
TIP31 TEL-TIP31 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com