Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT41PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT41PWR
Description  MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT41PWR Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDT41PWR Datasheet HTML 1Page - Texas Instruments SN65LVDT41PWR Datasheet HTML 2Page - Texas Instruments SN65LVDT41PWR Datasheet HTML 3Page - Texas Instruments SN65LVDT41PWR Datasheet HTML 4Page - Texas Instruments SN65LVDT41PWR Datasheet HTML 5Page - Texas Instruments SN65LVDT41PWR Datasheet HTML 6Page - Texas Instruments SN65LVDT41PWR Datasheet HTML 7Page - Texas Instruments SN65LVDT41PWR Datasheet HTML 8Page - Texas Instruments SN65LVDT41PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
TYPICAL MEMORY STICK INTERFACE EXTENSION
1Y
1Z
1D
1A
1B
5Y
5Z
1R
5D
2Y
2Z
2D
2A
2B
2R
3Y
3Z
3D
3A
3B
3R
4Y
4Z
4D
4A
4B
4R
5A
5B
5R
SCLK
BS
DIR
SD1
SD2
CBT
SCLK
BS
SDIO
Memory
Stick
CBT
SCLK
BS
SDIO
DIR
Memory
Stick
Host
Controller
SN65LVDT41
SN65LVDT14
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
SN65LVDT14
SN65LVDT41
SLLS530B – APRIL 2002 – REVISED FEBRUARY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range unless otherwise noted(1)
SN65LVDT14,
UNIT
SN65LVDT41
Supply voltage range(2)
VCC
-0.5 to 4
V
D or R
-0.5 to 6
V
Input voltage range
A, B, Y, or Z
-0.5 to 4
V
Human body model(3), A, B, Y, Z, and GND
±16
KV
Electrostatic discharge
Human body model(3), all pins
±8
KV
Charged device model(4), all pins
±500
V
Continuous total power dissipation
See Dissipation Rating Table
Storage temperature range
-65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
TA <25°C
OPERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
PW
774 mW
6.2 mW/°C
402 mW
2
Submit Documentation Feedback


Similar Part No. - SN65LVDT41PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT41 TI-SN65LVDT41 Datasheet
129Kb / 14P
[Old version datasheet]   MEMORY STICK INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT41 TI1-SN65LVDT41 Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT41-EP TI1-SN65LVDT41-EP Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT41QPWREP TI1-SN65LVDT41QPWREP Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
More results

Similar Description - SN65LVDT41PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT14-EP TI1-SN65LVDT14-EP Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14 TI-SN65LVDT14 Datasheet
129Kb / 14P
[Old version datasheet]   MEMORY STICK INTERCONNECT EXTENDER CHIPSET WITH LVDS
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
   Memory Stick Duo / Memory Stick (2-in-1)
logo
Mitsumi Electronics, Co...
CIM-E31 MITSUMI-CIM-E31 Datasheet
169Kb / 2P
   Memory Stick??Connectors
logo
Hirose Electric
CB1G-10S-1.5H-PEJC2 HIROSE-CB1G-10S-1.5H-PEJC2 Datasheet
815Kb / 10P
   Memory Stick Connectors
logo
Mitsumi Electronics, Co...
CIM-G24 MITSUMI-CIM-G24 Datasheet
86Kb / 2P
   Memory Stick??Duo Connectors
logo
ALPS ELECTRIC CO.,LTD.
SCNA ALPS-SCNA Datasheet
254Kb / 3P
   Connector for Memory Stick Micro?
logo
Adam Technologies, Inc.
MS-10-A-SG ADAM-TECH-MS-10-A-SG Datasheet
124Kb / 1P
   MEMORY STICK & SMART MEDIA SOCKETS
logo
PHOENIX CONTACT
2402809 PHOENIX-2402809 Datasheet
49Kb / 1P
   USB memory stick - USB FLASH DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com