Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APD-1150 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part No. APD-1150
Description  InGaAs Avalanche PHOTODIODE InGaAs APD with Mini-Size TO Package
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTOWAY [Optoway Technology Inc]
Homepage  http://www.optoway.com.tw
Logo 

APD-1150 Datasheet(HTML) 1 Page - Optoway Technology Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
APD-1150
****************************************************************************************************************************************************************
***************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2005 V2.0
InGaAs Avalanche PHOTODIODE
APD-1150 SERIES
InGaAs APD with Mini-Size TO Package
****************************************************************************************************************************************************************
FEATURES
² Data Rate up to 2.7 Gbps
² 0.9 A/W Typical Responsivity
² Breakdown Voltage: 40V Typical
² Wide Wavelength Band: 1260 nm to 1620 nm
² Case Operating Temperature: -40 to 85oC
² Hermetically Sealed 2-Pin Metal Case
² 2.4 mm Mini-Size Package
APPLICATIONSC
Receiver supports long distance fiber-optics communication systems with performance up to 2.7 Gb/s data
rate, -40 to 85
oC operating temperature.
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tc=25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Detection Range
λ
1260
-
1620
nm
VBR
Breakdown Voltage
Idark=10
µA
35
47
V
VOP
Operating Voltage
Best Sensitivity
VBR-3
VBR-2
V
dVBR/dT
Temperature Coefficient of
Breakdown Voltage
0.06
0.07
0.10
V/
oC
Idark
Dark Current
VR =0.9 VBR
80
100
nA
R
Responsivity
λ=1550nm, M=1
0.85
0.9
A/W
C
Capacitance
VR =0.9 VBR, f=1MHz
0.6
pF
BW
Bandwidth
RL=50 Ω, -3 dB, M=10
2.5
GHz
Absolute Maximum Ratings
(Tc=25 ºC)
Symbol
Parameter
Minimum
Maximum
Unit
IF
APD Forward Current
2
mA
IR
APD Reverse Current
3
mA
VR
APD Reverse Voltage
VBR
V
Topr
Operating Temperature
-40
85
ºC
Tstg
Storage Temperature
-40
85
ºC
Stress in excess of the absolute Maximum Ratings may cause permanent damage to the device.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn