Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3426ES6 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3426ES6
Description  1.2MHz Step-Up DC/DC Converter in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3426ES6 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3426ES6 Datasheet HTML 4Page - Linear Technology LTC3426ES6 Datasheet HTML 5Page - Linear Technology LTC3426ES6 Datasheet HTML 6Page - Linear Technology LTC3426ES6 Datasheet HTML 7Page - Linear Technology LTC3426ES6 Datasheet HTML 8Page - Linear Technology LTC3426ES6 Datasheet HTML 9Page - Linear Technology LTC3426ES6 Datasheet HTML 10Page - Linear Technology LTC3426ES6 Datasheet HTML 11Page - Linear Technology LTC3426ES6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC3426
3426fa
TYPICAL APPLICATIO S
Efficiency
Efficiency
SW
VIN
1.8V
VIN
LTC3426
SHDN
VOUT
3.3V
540mA
3426 TA06a
VOUT
FB
OFF ON
GND
L1
1.5
µH
D1
C2
22
µF
C1
10
µF
R1
75k
1%
R2
44.2k
1%
C1: TDK C1608X5R0J106M
C2: TAIYO YUDEN JMK316BJ226ML
D1: ON SEMICONDUCTOR MBRM120LT3
L1: TDK RLF7030T-1R5N6R1
SW
VIN
1.8V
VIN
LTC3426
SHDN
VOUT
5V
400mA
3426 TA07a
VOUT
FB
OFF ON
GND
L1
2.2
µH
D1
C2
22
µF
C1
10
µF
R1
95.3k
1%
R2
30.9k
1%
C1: TDK C1608X5R0J475M
C2: TAIYO YUDEN JMK316BJ226ML
D1: ON SEMICONDUCTOR MBR120VLSFT1
L1: SUMIDA CDRH4D28-2R2 2
LOAD CURRENT (mA)
1
50
80
90
100
10
100
1000
3426 TA06b
70
60
LOAD CURRENT (mA)
1
40
70
80
90
10
100
1000
3426 TA07b
60
50


Similar Part No. - LTC3426ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3426 LINER-LTC3426 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
More results

Similar Description - LTC3426ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
logo
RICOH electronics devic...
RN5RKXX1A RICOH-RN5RKXX1A Datasheet
1Mb / 22P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
RN5RK1A RICOH-RN5RK1A Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Eutech Microelectronics...
EUP2624A EUTECH-EUP2624A Datasheet
134Kb / 1P
   750kHz/1.2MHz Step-up DC/DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
logo
Shenzhen Huazhimei Semi...
HM1547 HMSEMI-HM1547 Datasheet
565Kb / 10P
   1.2MHZ竊?4V Step-up DC/DC Converter
logo
Linear Technology
LT1615 LINER-LT1615 Datasheet
104Kb / 8P
   Micropower Step-Up DC/DC Convertersin SOT-23
logo
Global Mixed-mode Techn...
G5111 GMT-G5111_04 Datasheet
431Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
logo
AiT Semiconductor Inc.
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com